Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1751219 Datasheet (PDF) - PHOENIX CONTACT

1751219 Datasheet PDF - PHOENIX CONTACT
Part # 1751219
Download  1751219 Download
File Size   438.87 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMKDS 1/14-3,5 - PCB terminal block

1751219 Datasheet (PDF)

Go To PDF Page Download Datasheet
1751219 Datasheet PDF - PHOENIX CONTACT

Part # 1751219
Download  1751219 Click to download

File Size   438.87 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SMKDS 1/14-3,5 - PCB terminal block

1751219 Datasheet (HTML) - PHOENIX CONTACT


1751219 Product details

PCB terminal block, nominal current: 10 A, rated voltage (III/2): 200 V, nominal cross section: 1
mm2, number of potentials: 14, number of rows: 1, number of positions per row: 14, product
range: SMKDS 1, pitch: 3.5 mm, connection method: Screw connection with tension sleeve,
screw head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 35
°, color: green, Pin layout: Linear pinning, Solder pin [P]: 3.5 mm, number of solder pins per
potential: 1, type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Angled connection enables multi-row arrangement on the PCB
• Extremely small design for the respective conductor cross section




Similar Part No. - 1751219

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1751210B1 ETC2-1751210B1 Datasheet
60Kb / 2P
CORDSET - NORTH AMERICAN POWER SUPPLY CORD
logo
PHOENIX CONTACT
1751215 PHOENIX-1751215 Datasheet
80Kb / 5P
PCB terminal block - SPTA 1,5/ 7-5,08
More results


Similar Description - 1751219

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1751112 PHOENIX-1751112 Datasheet
81Kb / 5P
PCB terminal block - SMKDS 1/ 4-3,5
1751125 PHOENIX-1751125 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 5-3,5
1751138 PHOENIX-1751138 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 6-3,5
1751141 PHOENIX-1751141 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/ 7-3,5
1751154 PHOENIX-1751154 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/ 8-3,5
1751170 PHOENIX-1751170 Datasheet
81Kb / 5P
PCB terminal block - SMKDS 1/10-3,5
1751183 PHOENIX-1751183 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/11-3,5
1751196 PHOENIX-1751196 Datasheet
80Kb / 5P
PCB terminal block - SMKDS 1/12-3,5
1751206 PHOENIX-1751206 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/13-3,5
1751222 PHOENIX-1751222 Datasheet
81Kb / 6P
PCB terminal block - SMKDS 1/15-3,5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com