Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1760620 Datasheet (PDF) - PHOENIX CONTACT

1760620 Datasheet PDF - PHOENIX CONTACT
Part # 1760620
Download  1760620 Download
File Size   242.36 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKKDSA 2,5-5,08- 4 - PCB terminal block

1760620 Datasheet (PDF)

Go To PDF Page Download Datasheet
1760620 Datasheet PDF - PHOENIX CONTACT

Part # 1760620
Download  1760620 Click to download

File Size   242.36 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKKDSA 2,5-5,08- 4 - PCB terminal block

1760620 Datasheet (HTML) - PHOENIX CONTACT


1760620 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 400 V, nominal cross section:
2.5 mm2, number of potentials: 8, number of rows: 2, number of positions per row: 4, product
range: ZFKKDS(A) 2,5, pitch: 5.08 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Conductor connection on several levels enables higher contact density
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1760620

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1760604 PHOENIX-1760604 Datasheet
104Kb / 2P
MSTBA 2,5/ 7-G CRWH
logo
Festo Corporation.
176061 FESTO-176061 Datasheet
93Kb / 2P
Air solenoid valve
7/28/22
logo
List of Unclassifed Man...
1760610B1 ETC2-1760610B1 Datasheet
386Kb / 2P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
logo
PHOENIX CONTACT
1760633 PHOENIX-1760633 Datasheet
242Kb / 9P
ZFKKDSA 2,5-5,08-25 - PCB terminal block
logo
Festo Corporation.
176064 FESTO-176064 Datasheet
117Kb / 2P
Air solenoid valve
7/28/22
More results


Similar Description - 1760620

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1701649 PHOENIX-1701649 Datasheet
98Kb / 4P
PCB terminal block - ZFKKDSA 1,5-5,08-20
1730418 PHOENIX-1730418 Datasheet
109Kb / 6P
PCB terminal block - MKDS 2,5/ 4-5,08
1801135 PHOENIX-1801135 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 2,5-6,08 R BK
1891030 PHOENIX-1891030 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 1,5-5,08- 8
1891522 PHOENIX-1891522 Datasheet
43Kb / 2P
PCB terminal block - ZFKKDSA 1,5-5,08- 2
1891742 PHOENIX-1891742 Datasheet
44Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08- 5
1891755 PHOENIX-1891755 Datasheet
49Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08-16
1891768 PHOENIX-1891768 Datasheet
44Kb / 3P
PCB terminal block - ZFKKDSA 1,5-5,08-12
1995664 PHOENIX-1995664 Datasheet
109Kb / 5P
PCB terminal block - SMKDS 2,5/ 4-5,08
1730528 PHOENIX-1730528 Datasheet
357Kb / 10P
PCB terminal block - MKDSD 2,5/ 4-5,08
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com