Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25FS010 Datasheet (PDF) - ATMEL Corporation

AT25FS010 Datasheet PDF - ATMEL Corporation
Part # AT25FS010
Download  AT25FS010 Download
File Size   555.01 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Speed Small Sectored SPI Flash Memory

AT25FS010 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25FS010 Datasheet PDF - ATMEL Corporation

Part # AT25FS010
Download  AT25FS010 Click to download

File Size   555.01 Kbytes
Page   22 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description High Speed Small Sectored SPI Flash Memory

AT25FS010 Datasheet (HTML) - ATMEL Corporation


AT25FS010 Product details

Description

The AT25FS010 provides 1,048,576 bits of serial reprogrammable Flash memory organized as 131,072 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The AT25FS010 is available in a space-saving 8-lead JEDEC SOIC and 8-lead Ultra Thin SAP packages.



Features

• Serial Peripheral Interface (SPI) Compatible

• Supports SPI Modes 0 (0,0) and 3 (1,1)

  – Datasheet describes Mode 0 Operation

• 50 MHz Clock Rate

• Byte Mode and Page Mode Program (1 to 256 Bytes) Operations

• Sector/Block/Page Architecture

  – 256 byte Pages per Sector

  – Eight 4 Kbyte Sectors per Block

  – Four uniform 32 Kbyte Blocks

• Self-timed Sector, Block and Chip Erase

• Product Identification Mode with JEDEC Standard

• Low-voltage Operation

    – 2.7V (VCC = 2.7V to 3.6V)

• Hardware and Software Write Protection

  – Device protection with Write Protect (WP) Pin

  – Write Enable and Write Disable Instructions

  – Software Write Protection:

      • Upper 1/32, 1/16, 1/8, 1/4, 1/2 or Entire Array

• Flexible Op Codes for Maximum Compatibility

• Self-timed Program Cycle

  – 30 µs/Byte Typical

• Single Cycle Reprogramming (Erase and Program) for Status Register

• High Reliability

  – Endurance: 10,000 Write Cycles Typical

• 8-lead JEDEC 150mil SOIC and 8-lead Ultra Thin Small Array Package (SAP)

• Die Sales: Waffer Form, Tape and Reel, and Bumped Waffers



 




Similar Part No. - AT25FS010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25FS010 ATMEL-AT25FS010 Datasheet
694Kb / 24P
High Speed Small Sectored SPI Flash Memory
AT25FS010N-SH27-B ATMEL-AT25FS010N-SH27-B Datasheet
694Kb / 24P
High Speed Small Sectored SPI Flash Memory
AT25FS010N-SH27-T ATMEL-AT25FS010N-SH27-T Datasheet
694Kb / 24P
High Speed Small Sectored SPI Flash Memory
AT25FS010Y7-YH27-T ATMEL-AT25FS010Y7-YH27-T Datasheet
694Kb / 24P
High Speed Small Sectored SPI Flash Memory
AT25FS010 ATMEL-AT25FS010_09 Datasheet
694Kb / 24P
High Speed Small Sectored SPI Flash Memory
More results


Similar Description - AT25FS010

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT28F016S5 MICRON-MT28F016S5 Datasheet
282Kb / 24P
2 MEG x 8 SMART 5 EVEN-SECTORED FLASH MEMORY
logo
ATMEL Corporation
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
4Mbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
512Kbit High Speed SPI Serial Flash Memory
AT25FS040 ATMEL-AT25FS040 Datasheet
502Kb / 23P
High Speed Small Sectored SPI Flash Memory
AT25F2048 ATMEL-AT25F2048_07 Datasheet
489Kb / 19P
2Mbit High Speed SPI Serial Flash Memory 2M (262,144 x 8)
AT25F1024A ATMEL-AT25F1024A_07 Datasheet
617Kb / 20P
1Mbit High Speed SPI Serial Flash Memory 1M (131,072 x 8)
AT25FS040 ATMEL-AT25FS040_07 Datasheet
656Kb / 25P
High Speed Small Sectored SPI Flash Memory 4M (524,288 x 8)
AT25FS010 ATMEL-AT25FS010_09 Datasheet
694Kb / 24P
High Speed Small Sectored SPI Flash Memory
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
Minimum SPI Serial Flash Memory
logo
Elite Semiconductor Mem...
F50L512M41A ESMT-F50L512M41A Datasheet
700Kb / 36P
SPI-NAND Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com