Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEJ2 Datasheet (PDF) - Murata Power Solutions Inc.

MEJ2 Datasheet PDF - Murata Power Solutions Inc.
Part # MEJ2
Download  MEJ2 Download
File Size   323.62 Kbytes
Page   10 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 5.2kVDC Isolated 2W DC-DC Converters

MEJ2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MEJ2 Datasheet PDF - Murata Power Solutions Inc.

Part # MEJ2
Download  MEJ2 Click to download

File Size   323.62 Kbytes
Page   10 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 5.2kVDC Isolated 2W DC-DC Converters

MEJ2 Datasheet (HTML) - Murata Power Solutions Inc.


MEJ2 Product details

RoHS compliant
Basic/supplementary isolation to UL609502
ANSI/AAMI ES60601-1
Power density 0.81W/cm3
Single and dual outputs
UL 94V-0 package material
Footprint 1.96cm2
SIP package style
5.2kVDC isolation ‘Hi Pot Test’
3.3V, 5V, 12V & 15V inputs
3.3V, 5V, 9V, 12V & 15V outputs
Internal SMD construction
Fully encapsulated with toroidal magnetics
Pin compatible with the MEV, NMV, NMK &
NMJ series
MTTF up to 3.9 million hours
Characterised CMTI >200kV/μS
Continuous barrier withstand voltage
2.4kVDC




Similar Part No. - MEJ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
5.2kVDC Isolated 2W DC/DC Converters
MEJ2D0503SC MURATA-MEJ2D0503SC Datasheet
304Kb / 7P
5.2kVDC Isolated 2W DC/DC Converters
MEJ2D0505SC MURATA-MEJ2D0505SC Datasheet
304Kb / 7P
5.2kVDC Isolated 2W DC/DC Converters
MEJ2D0509SC MURATA-MEJ2D0509SC Datasheet
304Kb / 7P
5.2kVDC Isolated 2W DC/DC Converters
MEJ2D0512SC MURATA-MEJ2D0512SC Datasheet
304Kb / 7P
5.2kVDC Isolated 2W DC/DC Converters
More results


Similar Description - MEJ2

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
5.2kVDC Isolated 1W DC/DC Converters
MEJ2 MURATA-MEJ2 Datasheet
304Kb / 7P
5.2kVDC Isolated 2W DC/DC Converters
logo
Murata Power Solutions ...
MGJ2 MURATA-PS-MGJ2 Datasheet
214Kb / 8P
5.2kVDC Isolated 2W Gate Drive DC/DC Converters
MGJ3 MURATA-PS-MGJ3 Datasheet
1Mb / 10P
5.2kVDC Isolated 3W Gate Drive SM DC/DC Converters
MGJ6 MURATA-PS-MGJ6 Datasheet
210Kb / 10P
5.2kVDC Isolated 6W Gate Drive SM DC/DC Converters
MEJ1 MURATA-PS-MEJ1 Datasheet
254Kb / 9P
5.2kVDC Isolated 1W DC/DC Converters
logo
Toppower Electronic Tec...
TPJXXX TOPPOWER-TPJXXX Datasheet
379Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W Datasheet
359Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX-3W TOPPOWER-TPJXXX-3W_V01 Datasheet
434Kb / 4P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
TPJXXX TOPPOWER-TPJXXX_V01 Datasheet
365Kb / 5P
5.2KVDC Isolated DC/DC Converters for IGBT drivers
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com