Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT93C46D Datasheet (PDF) - ATMEL Corporation

AT93C46D Datasheet PDF - ATMEL Corporation
Part # AT93C46D
Download  AT93C46D Download
File Size   448.2 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Three-wire Serial EEPROM

AT93C46D Datasheet (PDF)

Go To PDF Page Download Datasheet
AT93C46D Datasheet PDF - ATMEL Corporation

Part # AT93C46D
Download  AT93C46D Click to download

File Size   448.2 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Three-wire Serial EEPROM

AT93C46D Datasheet (HTML) - ATMEL Corporation


AT93C46D Product details

Description
The AT93C46D provides 1024 bits of serial electrically erasable programmable read only memory (EEPROM), organized as 64 words of 16 bits each (when the ORG pin is connected to VCC), and 128 words of 8 bits each (when the ORG pin is tied to ground). The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operations are essential. The AT93C46D is available in space-saving 8-lead PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin miniMAP (MLP 2x3), 8-lead TSSOP, and 8-lead dBGA2 packages.
The AT93C46D is enabled through the Chip Select pin (CS) and accessed via a three-wire serial interface consisting of Data Input (DI), Data Output (DO), and Shift Clock (SK). Upon receiving a Read instruction at DI, the address is decoded and the data is clocked out serially on the DO pin. The Write cycle is completely self-timed, and no separate Erase cycle is required before Write. The Write cycle is only enabled when the part is in the Erase/Write Enable state. When CS is brought high following the initiation of a Write cycle, the DO pin outputs the Ready/Busy status of the part.
The AT93C46D is available in 1.8 (1.8V to 5.5V) version.

Features
• Low-voltage and Standard-voltage Operation
   – 1.8 (VCC = 1.8V to 5.5V)
• User-selectable Internal Organization
   – 1K: 128 x 8 or 64 x 16
• Three-wire Serial Interface
• 2 MHz Clock Rate (5V)
• Self-timed Write Cycle (5 ms max)
• High Reliability
   – Endurance: 1 Million Write Cycles
   – Data Retention: 100 Years
• 8-lead JEDEC PDIP, 8-lead JEDEC SOIC, 8-lead Ultra Thin mini-MAP (MLP 2x3), 8-lead
   TSSOP and 8-ball dBGA2 Packages
• Die Sales: Wafer Form, Tape and Reel, and Bumped Wafers




Similar Part No. - AT93C46D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D Datasheet
512Kb / 21P
Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT93C46D ATMEL-AT93C46D Datasheet
435Kb / 21P
3-wire Serial EEPROM
012015
AT93C46D-PU ATMEL-AT93C46D-PU Datasheet
512Kb / 21P
Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT93C46D-PU ATMEL-AT93C46D-PU Datasheet
435Kb / 21P
3-wire Serial EEPROM
012015
AT93C46D-TH-B ATMEL-AT93C46D-TH-B Datasheet
512Kb / 21P
Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
More results


Similar Description - AT93C46D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT93C46A ATMEL-AT93C46A Datasheet
430Kb / 15P
Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_06 Datasheet
479Kb / 20P
Three-wire Serial EEPROM
AT93C86A ATMEL-AT93C86A_07 Datasheet
721Kb / 18P
Three-wire Serial EEPROM
AT93C46 ATMEL-AT93C46_07 Datasheet
535Kb / 18P
Three-wire Serial EEPROM
AT93C46E ATMEL-AT93C46E Datasheet
429Kb / 15P
Three-wire Serial EEPROM
AT93C56A ATMEL-AT93C56A_09 Datasheet
491Kb / 21P
Three-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE93C46 ACE-ACE93C46_12 Datasheet
938Kb / 14P
Three-wire Serial EEPROM
VER 1.5
ACE93C46A ACE-ACE93C46A Datasheet
1Mb / 16P
Three-wire Serial EEPROM
VER 1.3
logo
E-CMOS Corporation
EC93C46A E-CMOS-EC93C46A Datasheet
368Kb / 14P
Three-wire Serial EEPROM
EC93C56A E-CMOS-EC93C56A Datasheet
354Kb / 14P
Three-wire Serial EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com