Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27082A Datasheet (PDF) - Belden Inc.

27082A Datasheet PDF - Belden Inc.
Part # 27082A
Download  27082A Download
File Size   157.64 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR

27082A Datasheet (PDF)

Go To PDF Page Download Datasheet
27082A Datasheet PDF - Belden Inc.

Part # 27082A
Download  27082A Click to download

File Size   157.64 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR

27082A Datasheet (HTML) - Belden Inc.


27082A Product details

Product Description
UL Type TC (1277) PVC-Nylon/PVC, 4 Conductor 14AWG (7x22) Bare Copper, PVC-NYL Insulation E2 Color Code, Black PVC Outer Jacket, 600V TC 150V
NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 27082A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
27082AS BELDEN-27082AS Datasheet
164Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
27082AS-0105000 BELDEN-27082AS-0105000 Datasheet
164Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
27082AS01010000 BELDEN-27082AS01010000 Datasheet
164Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
More results


Similar Description - 27082A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
27338A BELDEN-27338A Datasheet
157Kb / 2P
TC VN/PVC, 4 C #16 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-06-2023
28084A BELDEN-28084A Datasheet
158Kb / 2P
TC VN/PVC, 6 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-14-2023
27080A BELDEN-27080A Datasheet
157Kb / 2P
TC VN/PVC, 2 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
27082AS BELDEN-27082AS Datasheet
164Kb / 2P
TC VN/PVC, 4 C #14 Str BC, PVC-NYL Ins E2, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
06-07-2023
27636A BELDEN-27636A Datasheet
158Kb / 2P
TC VN/PVC, 2 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
28085A BELDEN-28085A Datasheet
205Kb / 2P
TC VN/PVC, 7 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
27326A BELDEN-27326A Datasheet
157Kb / 2P
TC VN/PVC, 4 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
05-05-2023
27088A BELDEN-27088A Datasheet
157Kb / 2P
TC VN/PVC, 10 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet SUN RES DIR BUR
05-05-2023
27916A BELDEN-27916A Datasheet
158Kb / 2P
TC VN/PVC, 2 C #18 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC 150V NPLF 90C Wet/Dry SUN RES DIR BUR
12-22-2023
28087A BELDEN-28087A Datasheet
207Kb / 2P
TC VN/PVC, 9 C #14 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR
04-28-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com