Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25Q10 Datasheet (PDF) - Microchip Technology

25Q10 Datasheet PDF - Microchip Technology
Part # 25Q10
Download  25Q10 Download
File Size   11759.97 Kbytes
Page   769 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description  28-Pin, Low-Power, High-Performance Microcontrollers

25Q10 Datasheet (PDF)

Go To PDF Page Download Datasheet
25Q10 Datasheet PDF - Microchip Technology

Part # 25Q10
Download  25Q10 Click to download

File Size   11759.97 Kbytes
Page   769 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description  28-Pin, Low-Power, High-Performance Microcontrollers

25Q10 Datasheet (HTML) - Microchip Technology


25Q10 Product details

Description
PIC18F24/25Q10 microcontrollers feature Analog, Core Independent, and Communication Peripherals for
a wide range of general purpose and low-power applications. These 28 -pin devices are equipped with a
10-bit ADC with Computation (ADC2
) automating Capacitive Voltage Divider (CVD) techniques for
advanced touch sensing, averaging, filtering, oversampling and performing automatic threshold
comparisons. They also offer a set of Core Independent Peripherals such as Complementary Waveform
Generator (CWG), Windowed Watchdog Timer (WWDT), Cyclic Redundancy Check (CRC)/Memory
Scan, Zero-Cross Detect (ZCD), and Peripheral Pin Select (PPS), providing for increased design flexibility
and lower system cost

Core Features
• C Compiler Optimized RISC Architecture
• Operating Speed:
– DC – 64 MHz clock input over the full VDD range
– 62.5 ns minimum instruction cycle
• Programmable 2-Level Interrupt Priority
• 31-Level Deep Hardware Stack
• Three 8-Bit Timers (TMR2/4/6) with Hardware Limit Timer (HLT)
• Four 16-Bit Timers (TMR0/1/3/5)
• Low-Current Power-on Reset (POR)
• Power-up Timer (PWRT)
• Brown-out Reset (BOR)
• Low-Power BOR (LPBOR) Option
• Windowed Watchdog Timer (WWDT):
– Watchdog Reset on too long or too short interval between watchdog clear events
– Variable prescaler selection
– Variable window size selection
– All sources configurable in hardware or software




Similar Part No. - 25Q10

ManufacturerPart #DatasheetDescription
logo
Winbond
25Q128FVBF WINBOND-25Q128FVBF Datasheet
2Mb / 99P
SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
May 13, 2016 Revision M
25Q128FVBG WINBOND-25Q128FVBG Datasheet
2Mb / 99P
SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
May 13, 2016 Revision M
25Q128FVCG WINBOND-25Q128FVCG Datasheet
2Mb / 99P
SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
May 13, 2016 Revision M
25Q128FVCIF WINBOND-25Q128FVCIF Datasheet
2Mb / 99P
SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
May 13, 2016 Revision M
25Q128FVEF WINBOND-25Q128FVEF Datasheet
2Mb / 99P
SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
May 13, 2016 Revision M
More results


Similar Description - 25Q10

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F45J10 MICROCHIP-PIC18F45J10_09 Datasheet
5Mb / 368P
28/40/44-Pin High-Performance, RISC Microcontrollers
2009
PIC18F46J11 MICROCHIP-PIC18F46J11 Datasheet
8Mb / 528P
28/44-Pin, Low-Power, High-Performance Microcontrollers with nanoWatt XLP Technology
2009
PIC18LF2X MICROCHIP-PIC18LF2X Datasheet
9Mb / 536P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2012
PIC18LF2X MICROCHIP-PIC18LF2X_13 Datasheet
9Mb / 560P
28/40/44-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
11/29/11 2010-2012
PIC18F46J50-IPT MICROCHIP-PIC18F46J50-IPT Datasheet
4Mb / 562P
28/44-Pin, Low-Power, High-Performance USB Microcontrollers with nanoWatt XLP Technology
02/18/11
PIC18F44J50-I MICROCHIP-PIC18F44J50-I Datasheet
4Mb / 562P
28/44-Pin, Low-Power, High-Performance USB Microcontrollers
02/18/11
PIC18F2425K40 MICROCHIP-PIC18F2425K40 Datasheet
7Mb / 787P
28-Pin, Low-Power, High-Performance Microcontrollers with XLP Technology
2017
PIC18F27Q10 MICROCHIP-PIC18F27Q10 Datasheet
9Mb / 829P
28/40-pin, Low-Power, High-Performance Microcontrollers
2019
PIC18F25 MICROCHIP-PIC18F25 Datasheet
7Mb / 842P
28-Pin, Low-Power, High-Performance Microcontrollers with CAN Technology
11/07/16
PIC18LF24 MICROCHIP-PIC18LF24 Datasheet
7Mb / 795P
28-Pin, Low-Power High-Performance Microcontrollers with XLP Technology
02/28/20
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com