Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1836367 Datasheet (PDF) - PHOENIX CONTACT

1836367 Datasheet PDF - PHOENIX CONTACT
Part # 1836367
Download  1836367 Download
File Size   481.09 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 9-G-5,08 - PCB header

1836367 Datasheet (PDF)

Go To PDF Page Download Datasheet
1836367 Datasheet PDF - PHOENIX CONTACT

Part # 1836367
Download  1836367 Click to download

File Size   481.09 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/ 9-G-5,08 - PCB header

1836367 Datasheet (HTML) - PHOENIX CONTACT


1836367 Product details

PCB headers, nominal cross section: 1.5 mm2, color: green, nominal current: 8 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 9, number
of rows: 1, number of positions: 9, number of connections: 9, product range: MCV 1,5/..-G, pitch:
5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.4 mm, number
of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector pattern
alignment: Standard, locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1836367

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836366 PHOENIX-1836366 Datasheet
117Kb / 6P
Printed-circuit board connector - CCA 2,5/ 4-G P20 THR
More results


Similar Description - 1836367

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1836341 PHOENIX-1836341 Datasheet
143Kb / 5P
MCV 1,5/ 7-G-5,08
1836309 PHOENIX-1836309 Datasheet
133Kb / 8P
Feed-through header - MCV 1,5/ 3-G-5,08
09/12/2020
1847631 PHOENIX-1847631 Datasheet
383Kb / 10P
PCB header - MCV 1,5/ 4-GF-5,08
Nov 30, 2022
1836312 PHOENIX-1836312 Datasheet
375Kb / 10P
PCB header - MCV 1,5/ 4-G-5,08
Jan 3, 2023
1836396 PHOENIX-1836396 Datasheet
375Kb / 10P
PCB header - MCV 1,5/12-G-5,08
Jan 5, 2023
1847628 PHOENIX-1847628 Datasheet
384Kb / 10P
PCB header - MCV 1,5/ 3-GF-5,08
Jan 4, 2023
1847657 PHOENIX-1847657 Datasheet
384Kb / 10P
PCB header - MCV 1,5/ 6-GF-5,08
Jan 10, 2023
1847699 PHOENIX-1847699 Datasheet
384Kb / 10P
PCB header - MCV 1,5/10-GF-5,08
Jan 10, 2023
1847660 PHOENIX-1847660 Datasheet
391Kb / 12P
MCV 1,5/ 7-GF-5,08 - PCB header
1847673 PHOENIX-1847673 Datasheet
391Kb / 12P
MCV 1,5/ 8-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com