Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RTD2525 Datasheet (PDF) - Realtek Semiconductor Corp.

RTD2525 Datasheet PDF - Realtek Semiconductor Corp.
Part # RTD2525
Download  RTD2525 Download
File Size   2750.47 Kbytes
Page   307 Pages
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
Description Flat Panel Display Controller

RTD2525 Datasheet (PDF)

Go To PDF Page Download Datasheet
RTD2525 Datasheet PDF - Realtek Semiconductor Corp.

Part # RTD2525
Download  RTD2525 Click to download

File Size   2750.47 Kbytes
Page   307 Pages
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.
Description Flat Panel Display Controller

RTD2525 Datasheet (HTML) - Realtek Semiconductor Corp.


RTD2525 Product details

Features
General
 Programmable Scaling up and down
 No external memory required.
 Require only one crystal to generate all timing.
 Programmable 3.3V detection for multi-power
domain in a system
 2 channels 8 bits PWM output, and wide range
selectable PWM frequency.
 Support input format up to 1920-pixel width
 DDC/CI(MCCS) supported
Analog RGB Input Interface
 Integrated 8-bit triple-channel 210 MHz
ADC/PLL (optional)
 Embedded programmable Schmitt trigger of
HSYNC
 Support Sync On Green (SOG) and various kinds
of composite sync modes
 On-chip high-performance hybrid PLLs
 High resolution true 64 phase ADC PLL
 Auto Black Level Adjustment
Digital Video Input Interface
 Support 8-bit video (ITU 656) format input
 Built-in YUV to RGB color space converter &
de-interlace
DVI Compliant Digital Input Interface
(Optional)
 Single link on-chip TMDS receiver
 Up to 165Mhz
 Adaptive algorithm for TMDS capability
 Data enable only mode support
 HDCP 1.1 supported (optional)
Auto Detection /Auto Calibration
 Input format detection
 Compatibility with standard VESA mode and
support user-defined mode
 Smart engine for Phase/Image position/Color
calibration
Scaling
 Fully programmable zoom ratios
 Independent horizontal/vertical scaling
 Advanced zoom algorithm provides high image
quality
 Sharpness/Smooth filter enhancement
 Support non-linear scaling from 4:3 to 16:9 or
16:9 to 4:3
Color Processor
 True 10 bits color processing engine
 sRGB compliance
 Advanced dithering logic for 18-bit panel color depth enhancement
 Dynamic overshoot-smear canceling engine
 Brightness and contrast control
 Programmable 10-bit gamma support
 Peaking/Coring/XVYCC function for video
sharpness
VividColorTM
 Independent color management (ICM)
 Dynamic contrast control (DCC)
LiveShowTM Function
 High-performance RTC (response time
compensation) with embedded SDRAM.

Output Interface
 Fully programmable display timing generator
 1 and 2 pixel/clock panel support and up to
140MHz(RTD2525LRH)/170MHz(RTD2545LR
H)/190MHz(RTD2555LRH)
 Support LVDS output interface
 Spread-Spectrum DPLL to reduce EMI
 Fixed Last Line output for perfect panel
capability
Host Interface
 Support MCU serial bus interface.
 Support MCU dual edge data latch.
Embedded OSD
 Embedded 16.5K SRAM dynamically stores
OSD command and fonts
 Support multi-color RAM font, 1, 2 and 4-bit per
pixel
 16 color palette with 4096 true color selection
 Maximum 8 window with alpha-blending/
gradient/dynamic fade-in/fade-out, bordering/
shadow/3D window type
 Rotary 90,180,270 degree
 Independent row shadowing/bordering
 Programmable blinking effects for each character
 OSD-made internal pattern generator for factory
mode
 Support 12x18~4x18 hardware proportional font
 Decompress OSD font
Power & Technology
 48 pin QFN package
 Embedded voltage regulator
 0.11um process 3.3V / 1.2V power supplier





Similar Part No. - RTD2525

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTD2522 REALTEK-RTD2522 Datasheet
844Kb / 94P
Flat Panel Display Controller
June 20, 2003 Revision 0.81
RTD2522AR REALTEK-RTD2522AR Datasheet
844Kb / 94P
Flat Panel Display Controller
June 20, 2003 Revision 0.81
logo
List of Unclassifed Man...
RTD2523 ETC2-RTD2523 Datasheet
1Mb / 129P
Zoom scaling up and down
More results


Similar Description - RTD2525

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CS9211 NSC-CS9211 Datasheet
1Mb / 62P
Geode CS9211 Graphics Companion Flat Panel Display Controller
logo
List of Unclassifed Man...
MTL005 ETC-MTL005 Datasheet
353Kb / 50P
XGA Flat Panel Controller
MTL004 ETC1-MTL004 Datasheet
361Kb / 54P
XGA Flat Panel Controller
RTD2010 ETC1-RTD2010 Datasheet
75Kb / 11P
FLAT PANEL DISPLAY CONTROLLER
RTD2020 ETC1-RTD2020 Datasheet
84Kb / 11P
FLAT PANEL DISPLAY CONTROLLER
MTL003 ETC-MTL003 Datasheet
447Kb / 64P
SXGA Flat Panel Controller
MTL007 ETC2-MTL007 Datasheet
291Kb / 65P
SXGA Flat Panel Controller
logo
Intersil Corporation
TW8813B INTERSIL-TW8813B Datasheet
97Kb / 2P
TFT Flat Panel Controller
January 5, 2015
logo
Realtek Semiconductor C...
RTD2660 REALTEK-RTD2660 Datasheet
5Mb / 401P
Flat Panel Display Controller
RTD2522 REALTEK-RTD2522 Datasheet
844Kb / 94P
Flat Panel Display Controller
June 20, 2003 Revision 0.81
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com