Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7806A Datasheet (PDF) - Belden Inc.

7806A Datasheet PDF - Belden Inc.
Part # 7806A
Download  7806A Download
File Size   142.62 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 50 Ohm Wireless Transmission Coax, RF 195, RG58, 19 AWG Solid BC, Foil 90% TC Braid, PE Jkt

7806A Datasheet (PDF)

Go To PDF Page Download Datasheet
7806A Datasheet PDF - Belden Inc.

Part # 7806A
Download  7806A Click to download

File Size   142.62 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 50 Ohm Wireless Transmission Coax, RF 195, RG58, 19 AWG Solid BC, Foil 90% TC Braid, PE Jkt

7806A Datasheet (HTML) - Belden Inc.


7806A Product details

Product Description
50 Ohm Wireless Transmission Coax, RF 195, RG58, 19 AWG Solid Bare Copper Conductor, PE Insulation, Duofoil® + 90% Tinned Copper Braid Shield, PE
Jacket




Similar Part No. - 7806A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7806A ETC2-7806A Datasheet
105Kb / 4P
Coax - RG-58 Type
logo
Silicon Supplies
7806AC SS-7806AC Datasheet
443Kb / 5P
Linear Voltage Regulator
7806AC SS-7806AC Datasheet
2Mb / 5P
Linear Voltage Regulator
Rev 1.1 19/02/24
7806AC SS-7806AC Datasheet
330Kb / 5P
Linear Voltage Regulator
Rev 1.0 19/04/19
7806AC SS-7806AC Datasheet
426Kb / 5P
Linear Voltage Regulator
Rev 1.0 19/04/19
More results


Similar Description - 7806A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
179DT BELDEN-179DT Datasheet
242Kb / 3P
Serial Digital Coax, Ultra-miniature, RG179 Type, 28.5 AWG Solid BC, Foil TC Braid, CMR
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
1794A BELDEN-1794A Datasheet
275Kb / 4P
Serial Digital Coax, RG7 Type, #16 Solid BC, Foil 95% TC braid, CMR
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
7810A BELDEN-7810A Datasheet
233Kb / 2P
50 Ohm Wireless Transmission Coax, RF 400, RG8
8219 BELDEN-8219 Datasheet
229Kb / 2P
50 Ohm Wireless Transmission Coax, RG-58, 20 AWG Str TC, 95% TC Braid, PVC Jkt, CM
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com