Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9222 Datasheet (PDF) - Belden Inc.

9222 Datasheet PDF - Belden Inc.
Part # 9222
Download  9222 Download
File Size   143.6 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 50Ω Triax RG-58A/U Type, #20, PO, TC Braids, PVC Jkt

9222 Datasheet (PDF)

Go To PDF Page Download Datasheet
9222 Datasheet PDF - Belden Inc.

Part # 9222
Download  9222 Click to download

File Size   143.6 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description 50Ω Triax RG-58A/U Type, #20, PO, TC Braids, PVC Jkt

9222 Datasheet (HTML) - Belden Inc.


9222 Product details

Product Description
50 Ohm Triax RG-58A/U Type, 20 AWG stranded (7x28) .037" tinned copper conductor, polyethylene insulation, double tinned copper braid shields (95%
coverage), PVC jacket.




Similar Part No. - 9222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9222 ETC2-9222 Datasheet
33Kb / 3P
RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
logo
3M Electronics
9222 3M-9222 Datasheet
346Kb / 6P
Technical Information Bulletin
logo
List of Unclassifed Man...
9222004100 ETC2-9222004100 Datasheet
32Kb / 3P
RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
9222004100 ETC2-9222004100 Datasheet
33Kb / 3P
RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
9222004500 ETC2-9222004500 Datasheet
32Kb / 3P
RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
More results


Similar Description - 9222

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344804 ETC2-1344804 Datasheet
100Kb / 3P
RG-58A/U type, 20 AWG solid .033 bare copper conductor, polyethylene insulation
1348238 ETC2-1348238 Datasheet
99Kb / 3P
RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1682720 ETC2-1682720 Datasheet
102Kb / 3P
RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1682728 ETC2-1682728 Datasheet
103Kb / 3P
RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor
1748276 ETC2-1748276 Datasheet
101Kb / 3P
RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
logo
Belden Inc.
1366A BELDEN-1366A Datasheet
258Kb / 3P
Fieldbus, 20 Pr #16 Str TC, PO Ins, IS/OS, PVC Jkt, CMG
1349A BELDEN-1349A Datasheet
258Kb / 3P
CC Link, 5 C #1820 Str BC, PVCPO Ins, OSTC Brd, PVC Jkt, PVC Jkt, CM
9464 BELDEN-9464 Datasheet
146Kb / 2P
Electronic, 2 C #20 Str TC, PO Ins, OS, PVC Jkt, CM
01-20-2023
9815 BELDEN-9815 Datasheet
146Kb / 3P
100Ω Twinax, #20-1c TC/1c BC, PO, Duofoil® 2 TC Braids, PE Jkt, Direct Burial
05-05-2023
9455MN BELDEN-9455MN Datasheet
179Kb / 2P
SpaceMaker™, 9 C #20 Str TC, PO Ins, PVC Jkt, AWM 2937
05-05-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com