Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1810366 Datasheet (PDF) - PHOENIX CONTACT

1810366 Datasheet PDF - PHOENIX CONTACT
Part # 1810366
Download  1810366 Download
File Size   371.92 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/ 5-GF-5,08 EX - PCB header

1810366 Datasheet (PDF)

Go To PDF Page Download Datasheet
1810366 Datasheet PDF - PHOENIX CONTACT

Part # 1810366
Download  1810366 Click to download

File Size   371.92 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description IC 2,5/ 5-GF-5,08 EX - PCB header

1810366 Datasheet (HTML) - PHOENIX CONTACT


1810366 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Tin, contact connection type: Socket, number of potentials: 5, number of rows: 1,
number of positions: 5, number of connections: 5, product range: IC 2,5/..-GF-EX, pitch: 5.08
mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.5 mm, number of
solder pins per potential: 2, plug-in system: COMBICON MSTB 2,5 EX, Pin connector pattern
alignment: Standard, locking: Screw locking mechanism, mounting: Threaded flange, type of
packaging: packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Screwable flange for superior mechanical stability
• Well-known mounting principle allows worldwide use
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Inverted header with socket contacts for touch-proof device outputs or PCB/PCB connections
• Easy PCB replacement thanks to plug-in modules




Similar Part No. - 1810366

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
18103 CANDD-18103 Datasheet
54Kb / 2P
Axial Lead Inductors
logo
Extreme Networks.
18103 EXTREMENETWORKS-18103 Datasheet
212Kb / 6P
Simplified edge switch operation leveraging the power of ExtremeXOS® aggregation switches
12sep23
logo
PHOENIX CONTACT
1810337 PHOENIX-1810337 Datasheet
86Kb / 3P
Base strip - IC 2,5/ 2-GF-5,08 EX
1810395 PHOENIX-1810395 Datasheet
372Kb / 9P
IC 2,5/ 8-GF-5,08 EX - PCB header
logo
Murata Manufacturing Co...
18103C MURATA-18103C Datasheet
94Kb / 2P
Axial Lead Inductors
More results


Similar Description - 1810366

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1810337 PHOENIX-1810337 Datasheet
86Kb / 3P
Base strip - IC 2,5/ 2-GF-5,08 EX
1810476 PHOENIX-1810476 Datasheet
65Kb / 3P
Base strip - ICV 2,5/ 5-GF-5,08 EX
1776634 PHOENIX-1776634 Datasheet
589Kb / 11P
PCB header - MSTB 2,5/15-GF-5,08
02/04/2022
1777235 PHOENIX-1777235 Datasheet
1Mb / 19P
PCB header - MSTBV 2,5/18-GF-5,08
Jul 21, 2022
1825132 PHOENIX-1825132 Datasheet
649Kb / 14P
PCB header - IC 2,5/ 3-GF-5,08
Jan 10, 2023
1924114 PHOENIX-1924114 Datasheet
510Kb / 14P
PCB header - MSTB 2,5 HC/ 5-GF-5,08
1825200 PHOENIX-1825200 Datasheet
649Kb / 13P
IC 2,5/10-GF-5,08 - PCB header
1825158 PHOENIX-1825158 Datasheet
653Kb / 14P
IC 2,5/ 5-GF-5,08 - PCB header
1943506 PHOENIX-1943506 Datasheet
546Kb / 15P
IC 2,5 HC/10-GF-5,08 - PCB header
1796393 PHOENIX-1796393 Datasheet
274Kb / 10P
MSTBV 2,5/ 9-GF-5,08 EX - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com