Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9221 Datasheet (PDF) - Belden Inc.

9221 Datasheet PDF - Belden Inc.
Part # 9221
Download  9221 Download
File Size   154.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket

9221 Datasheet (PDF)

Go To PDF Page Download Datasheet
9221 Datasheet PDF - Belden Inc.

Part # 9221
Download  9221 Click to download

File Size   154.82 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Analog Video, #30 Str TC, 90% TC Braid, PVC Jacket

9221 Datasheet (HTML) - Belden Inc.


9221 Product details

Product Description
30 AWG stranded (7x38) .012" tinned copper conductor, foam HDPE insulation, tinned copper braid shield (90% coverage), PVC jacket.




Similar Part No. - 9221

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9221 ETC2-9221 Datasheet
97Kb / 2P
30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
logo
Mascot AS
9221 MASCOT-9221 Datasheet
1Mb / 1P
Mounting brackets
20062008
logo
C&K Components
9221-J1AV2Q-D-12 CK-COMPONENTS-9221-J1AV2Q-D-12 Datasheet
790Kb / 5P
Power Rocker and Lever Handle Switches
2018
9221-J1AV2Q-D-22 CK-COMPONENTS-9221-J1AV2Q-D-22 Datasheet
790Kb / 5P
Power Rocker and Lever Handle Switches
2018
9221-J1AV2Q-D-3-2 CK-COMPONENTS-9221-J1AV2Q-D-3-2 Datasheet
790Kb / 5P
Power Rocker and Lever Handle Switches
2018
More results


Similar Description - 9221

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C9210A GENERAL-C9210A Datasheet
69Kb / 1P
3C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9211A GENERAL-C9211A Datasheet
69Kb / 1P
4C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9212A GENERAL-C9212A Datasheet
70Kb / 1P
6C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9213A GENERAL-C9213A Datasheet
70Kb / 1P
8C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9214A GENERAL-C9214A Datasheet
70Kb / 1P
10C 22 AWG 7/30 TC PVC / OAS / Braid / PVC
C9228A GENERAL-C9228A Datasheet
70Kb / 1P
2C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C9231A GENERAL-C9231A Datasheet
70Kb / 1P
4C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
C9232A GENERAL-C9232A Datasheet
70Kb / 1P
6C 18 AWG 16/30 TC PVC / OAS / Braid / PVC
logo
Belden Inc.
8403 BELDEN-8403 Datasheet
170Kb / 2P
Microphone Cable, 3 C #20 Str TC, Rayon & 90% TC Braid, PVC Jkt
01-20-2023
8422 BELDEN-8422 Datasheet
177Kb / 2P
Microphone Cable, 2 C #22 Str TC, 85% TC Braid, Cotton Braid, PVC Jkt
01-20-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com