Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBM-P Datasheet (PDF) - Conquer Electronics Co., Ltd.

UBM-P Datasheet PDF - Conquer Electronics Co., Ltd.
Part # UBM-P
Download  UBM-P Download
File Size   136.35 Kbytes
Page   1 Pages
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.
Description 5.2Ø x 20 mm

UBM-P Datasheet (PDF)

Go To PDF Page Download Datasheet
UBM-P Datasheet PDF - Conquer Electronics Co., Ltd.

Part # UBM-P
Download  UBM-P Click to download

File Size   136.35 Kbytes
Page   1 Pages
Manufacturer  CONQUER [Conquer Electronics Co., Ltd.]
Direct Link  http://www.conquer.com.tw/
Logo CONQUER - Conquer Electronics Co., Ltd.
Description 5.2Ø x 20 mm

UBM-P Datasheet (HTML) - Conquer Electronics Co., Ltd.




Similar Part No. - UBM-P

ManufacturerPart #DatasheetDescription
logo
Conquer Electronics Co....
UBM-A CONQUER-UBM-A Datasheet
151Kb / 1P
5.2Ø x 20 mm
UBM-A.100 CONQUER-UBM-A.100 Datasheet
151Kb / 1P
5.2Ø x 20 mm
UBM-A.400 CONQUER-UBM-A.400 Datasheet
151Kb / 1P
5.2Ø x 20 mm
UBM-A.500 CONQUER-UBM-A.500 Datasheet
151Kb / 1P
5.2Ø x 20 mm
UBM-A.630 CONQUER-UBM-A.630 Datasheet
151Kb / 1P
5.2Ø x 20 mm
More results


Similar Description - UBM-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GMD ETC1-GMD Datasheet
73Kb / 2P
5 X 20 mm FERRULE FUSES
logo
Littelfuse
217032P LITTELFUSE-217032P Datasheet
303Kb / 2P
5 x 20 mm Fast-Acting Fuse
logo
Schurter Inc.
07510056 SCHURTER-07510056 Datasheet
393Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
logo
List of Unclassifed Man...
AFB0912HD ETC2-AFB0912HD Datasheet
122Kb / 1P
92 x 92 x 20 MM SERIES
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
50 x 50 x 20 MM SERIES
HHT ETC1-HHT Datasheet
442Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Eaton All Rights Reserv...
HBH EATON-HBH Datasheet
396Kb / 2P
5 mm x 20 mm fuse holders
HHT EATON-HHT Datasheet
473Kb / 1P
5 mm x 15 mm and 5 mm x 20 mm in-line fuse holder
logo
Schurter Inc.
0751.0056 SCHURTER-0751.0056_V01 Datasheet
230Kb / 2P
Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
logo
Delta Electronics, Inc.
AFB0605LD DELTA-AFB0605LD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com