Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DPER03 Datasheet (PDF) - Schneider Electric

DPER03 Datasheet PDF - Schneider Electric
Part # DPER03
Download  DPER03 Download
File Size   184.5 Kbytes
Page   4 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Thermal overload relay,Easy TeSys DPER,0.25-0.40A,class 10

DPER03 Datasheet (PDF)

Go To PDF Page Download Datasheet
DPER03 Datasheet PDF - Schneider Electric

Part # DPER03
Download  DPER03 Click to download

File Size   184.5 Kbytes
Page   4 Pages
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric
Description Thermal overload relay,Easy TeSys DPER,0.25-0.40A,class 10

DPER03 Datasheet (HTML) - Schneider Electric


DPER03 Product details

Main
Range Easy TeSys
Product Name Easy TeSys DPER
Product Or Component Type Thermal overload relay
Device Short Name DPER
Relay Application Overload protection
Product Compatibility Contactor DPE09-38
Thermal Protection Adjustment
Range
0.25…0.40 A
Thermal Overload Class Class 10 IEC 60947-4-1
[Ui] Rated Insulation Voltage Power circuit 600 V cUL
Power circuit 690 V IEC 60947-4-1




Similar Part No. - DPER03

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DPER03 SCHNEIDER-DPER03 Datasheet
127Kb / 2P
Easy TeSys DPER thermal overload relay, 0.25??0.40 A, class 10
May 7, 2021
More results


Similar Description - DPER03

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DPER02 SCHNEIDER-DPER02 Datasheet
127Kb / 2P
Easy TeSys DPER thermal overload relay, 0.16??0.25 A, class 10
May 7, 2021
DPER03 SCHNEIDER-DPER03 Datasheet
127Kb / 2P
Easy TeSys DPER thermal overload relay, 0.25??0.40 A, class 10
May 7, 2021
DPER04 SCHNEIDER-DPER04 Datasheet
127Kb / 2P
Easy TeSys DPER thermal overload relay, 0.40??0.63 A, class 10
May 7, 2021
DPER05 SCHNEIDER-DPER05 Datasheet
127Kb / 2P
Easy TeSys DPER thermal overload relay, 0.63??1 A, class 10
May 7, 2021
DPER06 SCHNEIDER-DPER06 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 1??.7 A, class 10
May 7, 2021
DPER07 SCHNEIDER-DPER07 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 1.6??2.5 A, class 10
May 7, 2021
DPER08 SCHNEIDER-DPER08 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 2.5?? A, class 10
May 7, 2021
DPER10 SCHNEIDER-DPER10 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 4?? A, class 10
May 7, 2021
DPER12 SCHNEIDER-DPER12 Datasheet
133Kb / 3P
Easy TeSys DPER thermal overload relay, 5.5?? A, class 10
May 7, 2021
DPER21 SCHNEIDER-DPER21 Datasheet
134Kb / 3P
Easy TeSys DPER thermal overload relay, 12??18 A, class 10
May 7, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com