Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC663 Datasheet (PDF) - NXP Semiconductors

CLRC663 Datasheet PDF - NXP Semiconductors
Part # CLRC663_V01
Download  CLRC663 Download
File Size   1947.7 Kbytes
Page   177 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus

CLRC663 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLRC663 Datasheet PDF - NXP Semiconductors

Part # CLRC663_V01
Download  CLRC663 Click to download

File Size   1947.7 Kbytes
Page   177 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description High performance multi-protocol NFC frontend CLRC663 and CLRC663 plus

CLRC663 Datasheet (HTML) - NXP Semiconductors


CLRC663 Product details

1 General description
CLRC663, the high performance multi-protocol NFC frontend.
The CLRC663 multi-protocol NFC frontend IC supports the following operating modes
• Read/write mode supporting ISO/IEC 14443 type A and MIFARE Classic communication mode
• Read/write mode supporting ISO/IEC 14443B
• Read/write mode supporting JIS X 6319-4 (comparable with FeliCa)1
• Passive initiator mode according to ISO/IEC 18092
• Read/write mode supporting ISO/IEC 15693
• Read/write mode supporting ICODE EPC UID/ EPC OTP
• Read/write mode supporting ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
The CLRC663’s internal transmitter is able to drive a reader/writer antenna designed to communicate with ISO/
IEC 14443A and MIFARE Classic IC-based cards and transponders without additional active circuitry. The
digital module manages the complete ISO/IEC 14443A framing and error detection functionality (parity and
CRC).
The CLRC663 supports MIFARE Classic with 1 kB memory, MIFARE Classic with 4 kB memory, MIFARE
Ultralight, MIFARE Ultralight C, MIFARE Plus and MIFARE DESFire products. The CLRC663 supports higher
transfer speeds of the MIFARE product family up to 848 kbit/s in both directions.
The CLRC663 supports layer 2 and 3 of the ISO/IEC 14443B reader/writer communication scheme except
anticollision. The anticollision needs to be implemented in the firmware of the host controller as well as in the
upper layers.
The CLRC663 is able to demodulate and decode FeliCa coded signals. The FeliCa receiver part provides the
demodulation and decoding circuitry for FeliCa coded signals. The CLRC663 handles the FeliCa framing and
error detection such as CRC. The CLRC663 supports FeliCa higher transfer speeds of up to 424 kbit/s in both
directions.
The CLRC663 is supporting the P2P passive initiator mode in accordance with ISO/IEC 18092.
The CLRC663 supports the vicinity protocol according to ISO/IEC15693, EPC UID and ISO/IEC 18000-3 mode
3/ EPC Class-1 HF.
The following host interfaces are supported:
• Serial Peripheral Interface (SPI)
• Serial UART (similar to RS232 with voltage levels dependent on pin voltage supply)
• I2C-bus interface (two versions are implemented: I2C and I2CL)

2 Features and benefits
• Includes NXP ISO/IEC14443-A and Innovatron ISO/IEC14443-B intellectual property licensing rights
• High performance multi-protocol NFC frontend for transfer speed up to 848 kbit/s
• Supports ISO/IEC 14443 type A, MIFARE Classic, ISO/IEC 14443 B and FeliCa reader modes
• P2P passive initiator mode in accordance with ISO/IEC 18092
• Supports ISO/IEC15693, ICODE EPC UID and ISO/IEC 18000-3 mode 3/ EPC Class-1 HF
• Supports MIFARE Classic product encryption by hardware in read/write mode
Allows reading cards based on MIFARE Ultralight, MIFARE Classic with 1 kB memory, MIFARE Classic with 4
kB memory, MIFARE DESFire EV1, MIFARE DESFire EV2 and MIFARE Plus ICs
• Low-Power Card Detection
• Compliance to EMV contactless protocol specification on RF level can be achieved
• Supported host interfaces:
– SPI up to 10 Mbit/s
– I2C-bus interfaces up to 400 kBd in Fast mode, up to 1000 kBd in Fast mode plus
– RS232 Serial UART up to 1228.8 kBd, with voltage levels dependent on pin voltage supply
• Separate I2C-bus interface for connection of a secure access module (SAM)
• FIFO buffer with size of 512 bytes for highest transaction performance
• Flexible and efficient power-saving modes including hard power down, standby and low-power card detection
• Cost saving by integrated PLL to derive system clock from 27.12 MHz RF quartz crystal
• 3.0 V to 5.5 V power supply (CLRC66301, CLRC66302)
2.5 V to 5.5 V power supply (CLRC66303)
• Up to 8 free programmable input/output pins
• Typical operating distance in read/write mode for communication to a ISO/IEC 14443 type A and MIFARE
Classic card up to 12 cm, depending on the antenna size and tuning
• Two package options are available for the CLRC66303:
1. HVQFN32: Package with wettable flanks easing the soldering process and quality control of soldered parts
2. VFBGA36: Smallest package with optimized pin configuration for simple PCB layout
• The version CLRC66303 offers a more flexible configuration for Low-Power Card detection compared to the
CLRC66301 and CLRC66302 with the new register LPCD_OPTIONS. In addition, the CLRC66303 offers new
additional settings for the Load Protocol which fit very well to smaller antennas. The CLRC66303 is therefore
the recommended version for new designs.

3 Applications
• Industrial
• Access control
• Gaming




Similar Part No. - CLRC663_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CLRC66301HN NXP-CLRC66301HN Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
CLRC66301HN557 NXP-CLRC66301HN557 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
More results


Similar Description - CLRC663_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM25180FDKM NXP-OM25180FDKM Datasheet
3Mb / 149P
High-performance multi-protocol full NFC Forum-compliant frontend
Rev. 3.0-7 October 2016
SLRC610 NXP-SLRC610 Datasheet
1Mb / 145P
High-performance ICODE frontend SLRC610 and SLRC610 plus
Rev. 4.5-27 June 2018
PN5190 NXP-PN5190 Datasheet
2Mb / 308P
NFC frontend
CLRC661 NXP-CLRC661 Datasheet
1Mb / 152P
High performance NFC frontend CLRC661 plus
Rev. 3.7-23 June 2021
PN5190 NXP-PN5190_V01 Datasheet
2Mb / 309P
NFC frontend
Rev. 3.3 ??19 April 2022
PN5180A0XX NXP-PN5180A0XX_V01 Datasheet
1Mb / 155P
High-performance multiprotocol full NFC frontend, supporting all NFC Forum modes
Rev. 4.1 - 13 March 2023
PN5190B1 NXP-PN5190B1 Datasheet
2Mb / 342P
NFC frontend
Rev. 3.6 - 15 May 2023
PN5190B2 NXP-PN5190B2 Datasheet
2Mb / 341P
NFC frontend
Rev. 3.0 - 15 May 2023
PN5190B2 NXP-PN5190B2_V01 Datasheet
2Mb / 341P
NFC frontend
Rev. 3.1 - 1 June 2023
PN5190B1 NXP-PN5190B1_V01 Datasheet
2Mb / 426P
NFC frontend
Rev. 3.7 - 6 November 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com