Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM823 Datasheet (PDF) - NXP Semiconductors

PM823 Datasheet PDF - NXP Semiconductors
Part # PM823
Download  PM823 Download
File Size   6727.31 Kbytes
Page   51 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO

PM823 Datasheet (PDF)

Go To PDF Page Download Datasheet
PM823 Datasheet PDF - NXP Semiconductors

Part # PM823
Download  PM823 Click to download

File Size   6727.31 Kbytes
Page   51 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO

PM823 Datasheet (HTML) - NXP Semiconductors


PM823 Product details

1 Product overview
The PM823 is an efficient low-cost power regulator. It consists of two 1.5 A buck regulators and one 525 mA
LDO. The LDO can be powered by the buck converter output (≥1.6 V) to minimize the power loss and simplify
the system thermal de-sign.
The PM823 is optimized for module applications. It minimizes the PCB footprint and BOM cost. The PM823 12-
bump WLCSP package provides the smallest footprint for the state-of-the-art module applications. For general
purpose applications, the 24-pin QFN package can meet the low-cost PCB requirements. The QFN package
also provides additional functions such as power good outputs.
The PM823 Dynamic Voltage Scaling (DVS) feature supports the latest SoC and processor power control
scheme. The PM823 also supports Adaptive Voltage Scaling (AVS). The serial interface can be used to program
the device to meet different application requirements.
Features
• Supports 2.7 V~5.5 V operating voltage
• Two 1.5 A synchronous buck converters
• Single LDO supports up to 525 mA
• Ultra low 15 μA sleep current
• 3 MHz switching frequency
• High output voltage accuracy
• Supports both DVS and AVS
• Single wire proprietary serial interface
Package options
• WLCSP-12 lead (0.35 mm ball pitch)
• QFN-24 lead (0.5 mm pin pitch)
Applications
• IoT devices
• Wi-Fi modules
• Smart home devices
• Cameras, printers
• Smart appliances
• Wi-Fi hubs, Access Points (APs)
• Set top boxes




Similar Part No. - PM823

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PM823 NXP-PM823 Datasheet
6Mb / 58P
Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO
Rev. 4 ??23 June 2022
PM823HN/A0CHP NXP-PM823HN/A0CHP Datasheet
6Mb / 58P
Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO
Rev. 4 ??23 June 2022
PM823UK/A0CZ NXP-PM823UK/A0CZ Datasheet
6Mb / 58P
Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO
Rev. 4 ??23 June 2022
More results


Similar Description - PM823

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Exar Corporation
XRP6657 EXAR-XRP6657_12 Datasheet
925Kb / 11P
1.5A 1.3MHz Synchronous Step Down Converter
logo
Monolithic Power System...
MP2125 MPS-MP2125 Datasheet
295Kb / 10P
Dual 1.5A, 1.2MHz Synchronous Step-Down Converter
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
E-CMOS Corporation
EC3221 E-CMOS-EC3221 Datasheet
1Mb / 16P
1.5MHz, Dual 1.5A, Synchronous Step-Down Regulator
logo
TECHCODE SEMICONDUCTOR,...
TD6821 TECHCODE-TD6821 Datasheet
964Kb / 18P
1.5MHz Dual 1.5A Synchronous Step Down Regulator
logo
NXP Semiconductors
PM823 NXP-PM823 Datasheet
6Mb / 58P
Dual Synchronous 1.5A/1.5A Step-down Buck Regulators with 525 mA LDO
Rev. 4 ??23 June 2022
logo
AiT Semiconductor Inc.
A7115B AITSEMI-A7115B Datasheet
408Kb / 11P
DC-DC CONVERTER BUCK (STEP-DOWN) 1.5A 2MHz SYNCHRONOUS
REV1.4 - MAY 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com