Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1289248 Datasheet (PDF) - Belden Inc.

1289248 Datasheet PDF - Belden Inc.
Part # 1289248
Download  1289248 Download
File Size   133.46 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Video RG6, #18 Sol BC, FEP Ins, OA DFTC Brd, FEP Jkt, AIA Armor, PVC Jkt

1289248 Datasheet (PDF)

Go To PDF Page Download Datasheet
1289248 Datasheet PDF - Belden Inc.

Part # 1289248
Download  1289248 Click to download

File Size   133.46 Kbytes
Page   1 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Video RG6, #18 Sol BC, FEP Ins, OA DFTC Brd, FEP Jkt, AIA Armor, PVC Jkt

1289248 Datasheet (HTML) - Belden Inc.


1289248 Product details

Product Description
Video RG6, 18AWG (Solid) Bare Copper, FEP Insulation, Overall Duofoil®+Tinned Copper Braid(65%) Shield, FEP Inner Jacket, Aluminum Interlock Armor,
PVC Outer Jacket




Similar Part No. - 1289248

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1289270000 WEIDMULLER-1289270000 Datasheet
430Kb / 5P
S2C-SMT 3.50/06/90G 3.2SN BK BX
1289290000 WEIDMULLER-1289290000 Datasheet
383Kb / 4P
S2C-SMT 3.50/10/90G 3.2SN BK BX
More results


Similar Description - 1289248

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
123092A BELDEN-123092A Datasheet
247Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, AIA Armor, PVC Jkt, CM
123082A BELDEN-123082A Datasheet
158Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, CM PLTC
05-05-2023
127895A BELDEN-127895A Datasheet
142Kb / 2P
DeviceBus®, 2 Pr #1820 Str TC, PVCFPE Ins, ISOA TC Brd, PVC Jkt,AIA Armor, PVC Jkt, PLTC
05-05-2023
83653 BELDEN-83653 Datasheet
194Kb / 2P
Electronic, 3 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83659 BELDEN-83659 Datasheet
212Kb / 2P
Electronic, 9 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83652 BELDEN-83652 Datasheet
192Kb / 2P
Electronic, 2 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83654 BELDEN-83654 Datasheet
169Kb / 2P
Electronic, 4 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
Date: 01-20-2023
83656 BELDEN-83656 Datasheet
208Kb / 2P
Electronic, 6 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
83662 BELDEN-83662 Datasheet
225Kb / 2P
Electronic, 12 C #18 Str TC, FEP Ins, OSTC Brd, FEP Jkt, CMP
01-20-2023
127897A BELDEN-127897A Datasheet
146Kb / 2P
DeviceBus®, 2 Pr #1518 Str TC, PVC-NYL FEP Ins, ISOA TC Brd, PVC Jkt, AIA, PVC Jkt, 600V
12-22-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com