Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1825844 Datasheet (PDF) - PHOENIX CONTACT

1825844 Datasheet PDF - PHOENIX CONTACT
Part # 1825844
Download  1825844 Download
File Size   539.89 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICV 2,5/17-GF-5,08 - PCB header

1825844 Datasheet (PDF)

Go To PDF Page Download Datasheet
1825844 Datasheet PDF - PHOENIX CONTACT

Part # 1825844
Download  1825844 Click to download

File Size   539.89 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICV 2,5/17-GF-5,08 - PCB header

1825844 Datasheet (HTML) - PHOENIX CONTACT


1825844 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials: 17,
number of rows: 1, number of positions: 17, number of connections: 17, product range: ICV 2,5/..
-GF, pitch: 5.08 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.6
mm, number of solder pins per potential: 2, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Inverted header with socket contacts for touch-proof device outputs or PCB/PCB connections




Similar Part No. - 1825844

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825802 PHOENIX-1825802 Datasheet
124Kb / 7P
Feed-through header - ICV 2,5/13-GF-5,08
1825815 PHOENIX-1825815 Datasheet
84Kb / 5P
Base strip - ICV 2,5/14-GF-5,08
1825828 PHOENIX-1825828 Datasheet
81Kb / 5P
Base strip - ICV 2,5/15-GF-5,08
1825831 PHOENIX-1825831 Datasheet
139Kb / 7P
Feed-through header - ICV 2,5/16-GF-5,08
1825857 PHOENIX-1825857 Datasheet
80Kb / 4P
Base strip - ICV 2,5/18-GF-5,08
More results


Similar Description - 1825844

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825705 PHOENIX-1825705 Datasheet
144Kb / 7P
Feed-through header - ICV 2,5/ 3-GF-5,08
1825718 PHOENIX-1825718 Datasheet
96Kb / 5P
Base strip - ICV 2,5/ 4-GF-5,08
1825734 PHOENIX-1825734 Datasheet
97Kb / 5P
Base strip - ICV 2,5/ 6-GF-5,08
1825831 PHOENIX-1825831 Datasheet
139Kb / 7P
Feed-through header - ICV 2,5/16-GF-5,08
1825815 PHOENIX-1825815 Datasheet
84Kb / 5P
Base strip - ICV 2,5/14-GF-5,08
1825802 PHOENIX-1825802 Datasheet
124Kb / 7P
Feed-through header - ICV 2,5/13-GF-5,08
1943674 PHOENIX-1943674 Datasheet
131Kb / 8P
Feed-through header - ICV 2,5 HC/ 5-GF-5,08
09/11/2020
1825695 PHOENIX-1825695 Datasheet
651Kb / 14P
PCB header - ICV 2,5/ 2-GF-5,08
Jan 10, 2023
1825792 PHOENIX-1825792 Datasheet
617Kb / 13P
PCB header - ICV 2,5/12-GF-5,08
Jan 5, 2023
1825776 PHOENIX-1825776 Datasheet
630Kb / 13P
ICV 2,5/10-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com