Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAF2115 Datasheet (PDF) - ITT Industries

UAF2115 Datasheet PDF - ITT Industries
Part # UAF2115
Download  UAF2115 Download
File Size   642.29 Kbytes
Page   8 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description Speedometer and Mileage Indicator

UAF2115 Datasheet (PDF)

Go To PDF Page Download Datasheet
UAF2115 Datasheet PDF - ITT Industries

Part # UAF2115
Download  UAF2115 Click to download

File Size   642.29 Kbytes
Page   8 Pages
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries
Description Speedometer and Mileage Indicator

UAF2115 Datasheet (HTML) - ITT Industries


UAF2115 Product details

The input signal of the UAF 2115 derived from a reed con-
tact or a proximity switch (dropout oscillator) placed, for
example, at the drive shaft of the gearbox and which sup-
plies one rectangular pulse per shaft rotation.

The monostable flip-flop is triggered by the trailing edge of
the input signal. Possible bouncing of the reed contact
therefore does not produce faulty indications, since such
bouncing coincides with the unstable period of the flip-flop.
The shape of the input pulses is irrelevant, provided that
the predetermined upper and lower thresholds are reliable
attained.

The pulse duration produced by the monostable is deter-
mined by the RC network Rg_1q, Cg_13. It can be varied over
wide limits and is capable if beeing adapted to the input
frequency.

The rectangular pulses control the current source (meter
driver), the frequency divider and the pulse amplifier. The
‘speed-dependent output current of the meter driver is indi-
cated by a moving-coil meter giving the car's speed. The
mean output current from Pin 5 can be adjusted externally
by means of a resistance from Pin 4 to ground so as to
equalize tolerances of the meter.

The pulse output, Pin 3, is an n-p-n transistor with open
collector to control a taximeter. In the event of a short
circuit or overload the internal current limiter comes into
action and, after a short time, disconnects the output.

The frequency divider, whose division ratio can be selected
by means of Pin 11 to be 25, 25 or 27, supplies pulses for
controlling the stepping motor buffer.

Pin 11 connected to pin 10: Division factor of divider is 27,
Pin 11 connected to ground: Division factor of divider is 25,
Pin 11 open: Division factor of divider is 25.

The stepping motor buffer generates two interlaced pulse
trains with a puise duty factor of 37,5 % which drive the two
stepping motor widings connected to Pin 12 and Pin 13.
The duty cycle of the motor currents is shown in Fig. 4.
Some stepping motor coils may act as an inverting trans-
former. The switching-off coil may induce a negative vol-
tage in the other coil. Be careful that the voltage at pins 2,3
and 12 do not become more negative than ~0.5 V.

Each of the two outputs and the pulse output, Pin 3, are
provided with Integrated flyback diodes, the cathodes of
Which beeing connected to Pin 1. The p-n-p current source
(output Pin 7) can be used to feed the sensor which pro-
duces the speed dependent input pulses.

In order to protect the integrated circuit against high vol-
tage peaks from the car supply system, an external filtering
network for the supply voltage must be provided. The mo-
tor supply current does not flow through the resistor of the
filter network. Reliable starting of the stepping motor is
thus ensured even in the case of low battery voltage.




Similar Part No. - UAF2115

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
UAF21 BURR-BROWN-UAF21 Datasheet
680Kb / 8P
UNIVERSAL ACTIVE FILTERS
More results


Similar Description - UAF2115

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
TI600 COOPER-TI600 Datasheet
50Kb / 1P
Indicator System and Fuse Bases (Blocks)
logo
Kingbright Corporation
APHBM2012LVBDZGKC KINGBRIGHT-APHBM2012LVBDZGKC Datasheet
316Kb / 6P
Ideal for backlight and indicator
APHBM2012LZGKSYKC KINGBRIGHT-APHBM2012LZGKSYKC Datasheet
280Kb / 6P
Ideal for backlight and indicator
APTB1612CGKQWDF-AMT KINGBRIGHT-APTB1612CGKQWDF-AMT Datasheet
373Kb / 9P
Ideal for backlight and indicator
logo
TE Connectivity Ltd
PT2S7LB2 TEC-PT2S7LB2 Datasheet
309Kb / 3P
Mechanical and electrical indicator
logo
Kingbright Corporation
APB3025SYKQWDF-AMT KINGBRIGHT-APB3025SYKQWDF-AMT Datasheet
377Kb / 9P
Ideal for backlight and indicator
APBA3010SURKCGKC-GX KINGBRIGHT-APBA3010SURKCGKC-GX Datasheet
285Kb / 6P
Ideal for backlight and indicator
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
Ideal for backlight and indicator
APGA1602SYC KINGBRIGHT-APGA1602SYC Datasheet
229Kb / 5P
Ideal for backlight and indicator
APHBM2012QBDSURKC KINGBRIGHT-APHBM2012QBDSURKC Datasheet
294Kb / 6P
Ideal for backlight and indicator.
More results




About ITT Industries


ITT Inc. (formerly ITT Industries) is an American multinational conglomerate that operates in various industries, including aerospace, defense, communications, industrial and consumer products, and transportation. The company was founded in 1920 and is headquartered in White Plains, New York.

ITT operates through several business units, including Connect and Control Technologies, Defense and Information Solutions, Industrial Process, and Motion Technologies. These units offer a broad range of products and services, including connectors, valves, switches, pumps, control systems, electronic components, communications systems, and aerospace components.

ITT's engineering team has extensive experience in developing advanced technologies for demanding applications. They work closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

ITT's products are known for their high quality, reliability, and performance. The company uses advanced technologies and materials to develop products that are efficient, durable, and cost-effective.

Overall, ITT Inc. is a trusted provider of high-quality products and services for a variety of industries. Its commitment to innovation, quality, and customer service has earned it a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com