Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC7512SB Datasheet (PDF) - Qorvo, Inc

QPC7512SB Datasheet PDF - Qorvo, Inc
Part # QPC7512SB
Download  QPC7512SB Download
File Size   1160.33 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV SPDT Reflective Switch (5 – 3300 MHz)

QPC7512SB Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC7512SB Datasheet PDF - Qorvo, Inc

Part # QPC7512SB
Download  QPC7512SB Click to download

File Size   1160.33 Kbytes
Page   15 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description CATV SPDT Reflective Switch (5 – 3300 MHz)

QPC7512SB Datasheet (HTML) - Qorvo, Inc


QPC7512SB Product details

Product Features
• 5MHz to 3300MHz Operation
• Optimized for 75Ω Applications (can be also be used in
50Ω applications).
• Low Insertion Loss: 0.22dB at 1GHz
• High Isolation: 42dB at 1GHz
• High IP3: 75dBm at 1GHz
• Compatible with Low Voltage Logic (VHIGH Minimum =
1.3V)
• No External DC Blocking Capacitors Required on RF
Paths Unless DC is Applied Externally
• 2000V HBM ESD Rating on All Ports




Similar Part No. - QPC7512SB

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC7522 QORVO-QPC7522 Datasheet
780Kb / 12P
CATV SPDT Reflective Switch (5 ??3300 MHz)
December 7, 2020
QPC7522EVB-01 QORVO-QPC7522EVB-01 Datasheet
780Kb / 12P
CATV SPDT Reflective Switch (5 ??3300 MHz)
December 7, 2020
QPC7522SB QORVO-QPC7522SB Datasheet
780Kb / 12P
CATV SPDT Reflective Switch (5 ??3300 MHz)
December 7, 2020
QPC7522SR QORVO-QPC7522SR Datasheet
780Kb / 12P
CATV SPDT Reflective Switch (5 ??3300 MHz)
December 7, 2020
QPC7522TR7 QORVO-QPC7522TR7 Datasheet
780Kb / 12P
CATV SPDT Reflective Switch (5 ??3300 MHz)
December 7, 2020
More results


Similar Description - QPC7512SB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWSS0068 MACOM-MASWSS0068 Datasheet
257Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0069-A5 MACOM-MASWSS0069-A5 Datasheet
230Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MACOM-MASWSS0103 Datasheet
248Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASW-008153 MACOM-MASW-008153 Datasheet
196Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
M/A-COM Technology Solu...
MASW-008153 MA-COM-MASW-008153 Datasheet
159Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0068 MA-COM-MASWSS0068 Datasheet
98Kb / 5P
SPDT High Isolation CATV Switch 5 - 1000 MHz
MASWSS0103 MA-COM-MASWSS0103 Datasheet
120Kb / 4P
SPDT High Isolation CATV Switch 5 - 1000 MHz
logo
Peregrine Semiconductor
PE4280MLIAA PSEMI-PE4280MLIAA Datasheet
882Kb / 8P
75 SPDT CATV UltraCMOS Switch 5 MHz - 2.2 GHz
PE42742 PSEMI-PE42742_14 Datasheet
916Kb / 10P
75 廓 Terminated, 5 - 2200 MHz SPDT CATV UltraCMOS??Switch
logo
Qorvo, Inc
QPC7522 QORVO-QPC7522 Datasheet
780Kb / 12P
CATV SPDT Reflective Switch (5 ??3300 MHz)
December 7, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com