Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1521669 Datasheet (PDF) - PHOENIX CONTACT

1521669 Datasheet PDF - PHOENIX CONTACT
Part # 1521669
Download  1521669 Download
File Size   623.06 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M 8MR/ 1,5-PUR SH - Sensor/actuator cable

1521669 Datasheet (PDF)

Go To PDF Page Download Datasheet
1521669 Datasheet PDF - PHOENIX CONTACT

Part # 1521669
Download  1521669 Click to download

File Size   623.06 Kbytes
Page   17 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M 8MR/ 1,5-PUR SH - Sensor/actuator cable

1521669 Datasheet (HTML) - PHOENIX CONTACT


1521669 Product details

Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, shielded (Braided
copper wires), Plug angled M8, coding: A, on free cable end, cable length: 1.5 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1521669

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
152166-0R5 NI-152166-0R5 Datasheet
2Mb / 24P
8-channel, 16-bit, 400 kS/s/ch, Ch-Ch Isolated Analog Input Module
May17
logo
PHOENIX CONTACT
1521668 PHOENIX-1521668 Datasheet
496Kb / 11P
SACC-MINMS-5CON-PG 9 - Connector
More results


Similar Description - 1521669

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1521960 PHOENIX-1521960 Datasheet
162Kb / 13P
Sensor/actuator cable - SAC-4P- 1,5-PUR/M 8FR SH
09/11/2020
1669738 PHOENIX-1669738 Datasheet
148Kb / 12P
Sensor/actuator cable - SAC-3P- 1,5-PUR/M 8FR
09/11/2020
1682090 PHOENIX-1682090 Datasheet
171Kb / 13P
Sensor/actuator cable - SAC-3P-M 8MR/ 3,0-PUR/M 8FR
09/11/2020
1476802 PHOENIX-1476802 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
1476550 PHOENIX-1476550 Datasheet
1Mb / 8P
SAC-3P-P12MS/ 1,5-PUR SH - Sensor/actuator cable
1476786 PHOENIX-1476786 Datasheet
376Kb / 8P
SAC-3P- 1,5-PUR/P12FR SH - Sensor/actuator cable
1476794 PHOENIX-1476794 Datasheet
1Mb / 8P
SAC-3P- 1,5-PUR/P12FS SH - Sensor/actuator cable
1224012 PHOENIX-1224012 Datasheet
2Mb / 9P
SAC-3P-P12MS/ 1,5-PUR/P12FS SH - Sensor/actuator cable
1224014 PHOENIX-1224014 Datasheet
1Mb / 9P
SAC-3P-P12MS/ 1,5-PUR/P12FR SH - Sensor/actuator cable
1224018 PHOENIX-1224018 Datasheet
1Mb / 9P
SAC-3P-P12MR/ 1,5-PUR/P12FS SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com