Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1700540 Datasheet (PDF) - PHOENIX CONTACT

1700540 Datasheet PDF - PHOENIX CONTACT
Part # 1700540
Download  1700540 Download
File Size   523.38 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 3/29 - PCB terminal block

1700540 Datasheet (PDF)

Go To PDF Page Download Datasheet
1700540 Datasheet PDF - PHOENIX CONTACT

Part # 1700540
Download  1700540 Click to download

File Size   523.38 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MKDS 3/29 - PCB terminal block

1700540 Datasheet (HTML) - PHOENIX CONTACT


1700540 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 29, number of rows: 1, number of positions per row: 29, product
range: MKDS 3, pitch: 5 mm, connection method: Screw connection with tension sleeve, screw
head form: L Slotted, mounting: Wave soldering, conductor/PCB connection direction: 0 °, color:
green, Pin layout: Linear pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 1,
type of packaging: packed in cardboard. The article can be aligned to create different nos. of
positions!

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated protective guide prevents incorrect insertion of the conductor underneath the tension sleeve
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1700540

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
170054-1 MACOM-170054-1 Datasheet
60Kb / 1P
.025 SERIES FASTIN FASTON RECEPTACLE
170054-2 MACOM-170054-2 Datasheet
60Kb / 1P
.025 SERIES FASTIN FASTON RECEPTACLE
More results


Similar Description - 1700540

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1711055 PHOENIX-1711055 Datasheet
64Kb / 5P
PCB terminal block - MKDS 3/ 3 (13)
1711233 PHOENIX-1711233 Datasheet
99Kb / 6P
PCB terminal block - MKDS 3/ 3 BU
1711631 PHOENIX-1711631 Datasheet
88Kb / 5P
PCB terminal block - MKDS 3/ 5
1712601 PHOENIX-1712601 Datasheet
57Kb / 5P
PCB terminal block - MKDS 3/10
1712928 PHOENIX-1712928 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 3 (2)
1733842 PHOENIX-1733842 Datasheet
56Kb / 5P
PCB terminal block - MKDS 3/ 9
1904901 PHOENIX-1904901 Datasheet
99Kb / 6P
PCB terminal block - MKDS 3/ 8 RD
1985784 PHOENIX-1985784 Datasheet
55Kb / 4P
PCB terminal block - MKDS 3/ 3 CRWH
1905201 PHOENIX-1905201 Datasheet
432Kb / 13P
PCB terminal block - MKDS 3/ 5-5,08
1711301 PHOENIX-1711301 Datasheet
535Kb / 15P
MKDS 3/ 6 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com