Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1810065 Datasheet (PDF) - PHOENIX CONTACT

1810065 Datasheet PDF - PHOENIX CONTACT
Part # 1810065
Download  1810065 Download
File Size   385.52 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBW 2,5/ 8-STF-7,62 EX - PCB connector

1810065 Datasheet (PDF)

Go To PDF Page Download Datasheet
1810065 Datasheet PDF - PHOENIX CONTACT

Part # 1810065
Download  1810065 Click to download

File Size   385.52 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description GMVSTBW 2,5/ 8-STF-7,62 EX - PCB connector

1810065 Datasheet (HTML) - PHOENIX CONTACT


1810065 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, contact
surface: Tin, contact connection type: Socket, number of potentials: 8, number of rows: 1,
number of positions: 8, number of connections: 8, product range: GMVSTBW 2,5/..-STF-EX,
pitch: 7.62 mm, connection method: Screw connection with tension sleeve, screw head form: L
Slotted, conductor/PCB connection direction: -90 °, locking clip: - Locking clip, plug-in system:
COMBICON MSTB 2,5 EX, locking: Screw locking mechanism, mounting: Screw flange, type of
packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Satisfies the more stringent safety requirements of “Ex eb” protection according to IEC 60079-7 for potentially explosive areas
• Screwable flange for superior mechanical stability
• Low temperature rise, thanks to maximum contact force




Similar Part No. - 1810065

ManufacturerPart #DatasheetDescription
logo
Evolt
18100 EKTOR-18100 Datasheet
408Kb / 3P
RAZOR PRO
5th of February 2025 07:46:18
logo
PHOENIX CONTACT
1810007 PHOENIX-1810007 Datasheet
388Kb / 13P
GMVSTBW 2,5/ 2-STF-7,62 EX - PCB connector
logo
Theben AG
1810011 THEBEN-1810011 Datasheet
541Kb / 3P
Time and light control Analogue time switches
07/04/2025
logo
PHOENIX CONTACT
1810023 PHOENIX-1810023 Datasheet
385Kb / 13P
GMVSTBW 2,5/ 4-STF-7,62 EX - PCB connector
1810036 PHOENIX-1810036 Datasheet
386Kb / 13P
GMVSTBW 2,5/ 5-STF-7,62 EX - PCB connector
More results


Similar Description - 1810065

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1848009 PHOENIX-1848009 Datasheet
91Kb / 7P
Printed-circuit board connector - GMVSTBW 2,5/ 3-STF-7,62
1848096 PHOENIX-1848096 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/12-STF-7,62
1848083 PHOENIX-1848083 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/11-STF-7,62
1848067 PHOENIX-1848067 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 9-STF-7,62
1848070 PHOENIX-1848070 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/10-STF-7,62
1848054 PHOENIX-1848054 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 8-STF-7,62
1848041 PHOENIX-1848041 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 7-STF-7,62
1848012 PHOENIX-1848012 Datasheet
77Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 4-STF-7,62
1848038 PHOENIX-1848038 Datasheet
75Kb / 5P
Printed-circuit board connector - GMVSTBW 2,5/ 6-STF-7,62
1858824 PHOENIX-1858824 Datasheet
588Kb / 15P
PCB connector - GMSTB 2,5/ 8-STF-7,62
Jan 3, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com