Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1189A Datasheet (PDF) - Belden Inc.

1189A Datasheet PDF - Belden Inc.
Part # 1189A
Download  1189A Download
File Size   145.15 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Broadband Coax, Series 6, 18 AWG Solid BCCS, Quad Shield, PVC Jkt, CM

1189A Datasheet (PDF)

Go To PDF Page Download Datasheet
1189A Datasheet PDF - Belden Inc.

Part # 1189A
Download  1189A Click to download

File Size   145.15 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Broadband Coax, Series 6, 18 AWG Solid BCCS, Quad Shield, PVC Jkt, CM

1189A Datasheet (HTML) - Belden Inc.


1189A Product details

Product Description
Broadband Coax, Series 6, 18 AWG Solid Bare Copper Covered Steel Conductor, PE Insulation, Foil + 60% Aluminum Braid + Foil + 40% Aluminum Braid
Shield, PVC Jacket, CM




Similar Part No. - 1189A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1189A0091000 ETC2-1189A0091000 Datasheet
103Kb / 3P
18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1189A009U1000 ETC2-1189A009U1000 Datasheet
103Kb / 3P
18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1189A009U500 ETC2-1189A009U500 Datasheet
103Kb / 3P
18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1189A0101000 ETC2-1189A0101000 Datasheet
103Kb / 3P
18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1189A0105000 ETC2-1189A0105000 Datasheet
103Kb / 3P
18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
More results


Similar Description - 1189A

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C5775 GENERAL-C5775 Datasheet
74Kb / 1P
1C 18 SOLID BCCS FMPE OAS PVC RG 6/U TYPE COAXIAL CABLE
C5785 GENERAL-C5785 Datasheet
75Kb / 2P
1C 18 SOLID BCCS FMPE OAS PVC RG 6/U TYPE QUAD SHIELD COAXIAL CABLE
logo
Belden Inc.
3092A BELDEN-3092A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
3092T BELDEN-3092T Datasheet
243Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, LSZH Jkt, CMG
3094A BELDEN-3094A Datasheet
262Kb / 4P
ControlBus?? Coax RG11, #14 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
3132A BELDEN-3132A Datasheet
260Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP
123092A BELDEN-123092A Datasheet
247Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, AIA Armor, PVC Jkt, CM
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
9405 BELDEN-9405 Datasheet
192Kb / 2P
Electronic, 26 C #1816 Str TC, PVC Ins, PVC Jkt, CM
06-01-2023
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com