Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1322R Datasheet (PDF) - Belden Inc.

1322R Datasheet PDF - Belden Inc.
Part # 1322R
Download  1322R Download
File Size   176.49 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Quad Shield, CMR

1322R Datasheet (PDF)

Go To PDF Page Download Datasheet
1322R Datasheet PDF - Belden Inc.

Part # 1322R
Download  1322R Click to download

File Size   176.49 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Quad Shield, CMR

1322R Datasheet (HTML) - Belden Inc.


1322R Product details

Product Description
Series 6, 18 AWG solid .040" bare copper-covered steel conductor, gas-injected foam polyethylene insulation, Duobond® IV quad shield (Foil + 60% Braid +
Foil + 40% Braid), PVC jacket.




Similar Part No. - 1322R

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1322 ADAFRUIT-1322 Datasheet
79Kb / 1P
Micro HDMI to HDMI Cable - 2 meter
logo
CEE Norm UK Ltd
1322 CEENORM-1322 Datasheet
1Mb / 4P
Socket Outlets
logo
Heyco.
13220 HEYCO-13220 Datasheet
141Kb / 1P
Nytye® Heavy Duty and Extra Heavy Duty/HVAC Nylon Cable Ties
13220 HEYCO-13220 Datasheet
153Kb / 1P
Nytye® Heavy Duty Nylon Cable Ties
logo
List of Unclassifed Man...
1322000000 ETC2-1322000000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results


Similar Description - 1322R

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C5785 GENERAL-C5785 Datasheet
75Kb / 2P
1C 18 SOLID BCCS FMPE OAS PVC RG 6/U TYPE QUAD SHIELD COAXIAL CABLE
logo
List of Unclassifed Man...
PA8013 ETC2-PA8013 Datasheet
31Kb / 1P
CRIMPALL RG59/RG6 CATV CLAMSHELL
logo
Tripp Lite. All Rights ...
A224-01K-BK TRIPPLITE-A224-01K-BK Datasheet
166Kb / 2P
RG6/U Quad-Shield CMR-Rated Coaxial Cable, Black, 1000 ft.
A224-01K-WH TRIPPLITE-A224-01K-WH Datasheet
166Kb / 2P
RG6/U Quad-Shield CMR-Rated Coaxial Cable, White, 1000 ft.
logo
Belden Inc.
3092A BELDEN-3092A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
3092T BELDEN-3092T Datasheet
243Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, LSZH Jkt, CMG
3093A BELDEN-3093A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP High Temp 150C
3132A BELDEN-3132A Datasheet
260Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP
123092A BELDEN-123092A Datasheet
247Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, AIA Armor, PVC Jkt, CM
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com