Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1613A Datasheet (PDF) - Belden Inc.

1613A Datasheet PDF - Belden Inc.
Part # 1613A
Download  1613A Download
File Size   170.22 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Tri Shield, CM PVC Jacket

1613A Datasheet (PDF)

Go To PDF Page Download Datasheet
1613A Datasheet PDF - Belden Inc.

Part # 1613A
Download  1613A Click to download

File Size   170.22 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Tri Shield, CM PVC Jacket

1613A Datasheet (HTML) - Belden Inc.


1613A Product details

Product Description
CATV, Series 6, 18 AWG solid .040" bare copper-covered steel conductor, gas-injected foam polyethylene insulation, Duobond® III, aluminum braid shield
(77% coverage), CM PVC jacket.




Similar Part No. - 1613A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1613AP BELDEN-1613AP Datasheet
141Kb / 2P
Broadband Coax, Series 6, 18 AWG Solid BCCS, Tri-Shield, Flamarrest® Jkt,CMP
11-09-2022
1613AP-0091000 BELDEN-1613AP-0091000 Datasheet
141Kb / 2P
Broadband Coax, Series 6, 18 AWG Solid BCCS, Tri-Shield, Flamarrest® Jkt,CMP
11-09-2022
1613AP-009U1000 BELDEN-1613AP-009U1000 Datasheet
141Kb / 2P
Broadband Coax, Series 6, 18 AWG Solid BCCS, Tri-Shield, Flamarrest® Jkt,CMP
11-09-2022
More results


Similar Description - 1613A

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
RG6-CATV PASTERNACK-RG6-CATV Datasheet
1Mb / 3P
75 Ohm Flexible RG6-CATV Coax Cable Triple Shielded with Black PVC(NC) Jacket
logo
General Cable Technolog...
C5785 GENERAL-C5785 Datasheet
75Kb / 2P
1C 18 SOLID BCCS FMPE OAS PVC RG 6/U TYPE QUAD SHIELD COAXIAL CABLE
C5886 GENERAL-C5886 Datasheet
74Kb / 1P
1C 18 SOLID BCCS FMPE OAS PVC (RISER) RG 6/U TYPE COAXIAL CATV/DBS CABLE
logo
List of Unclassifed Man...
1346341 ETC2-1346341 Datasheet
98Kb / 3P
18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
8461 ETC2-8461 Datasheet
96Kb / 2P
18 AWG stranded (7x26) tinned copper conductors, PVC insulation, twisted pair, PVC jacket.
logo
Belden Inc.
3092A BELDEN-3092A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
123092A BELDEN-123092A Datasheet
247Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, AIA Armor, PVC Jkt, CM
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com