Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1829A Datasheet (PDF) - Belden Inc.

1829A Datasheet PDF - Belden Inc.
Part # 1829A
Download  1829A Download
File Size   143.26 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Broadband Coax, Series 6, 18 AWG Solid BCCS, Foil 60% AL Braid, PVC Jkt, CM

1829A Datasheet (PDF)

Go To PDF Page Download Datasheet
1829A Datasheet PDF - Belden Inc.

Part # 1829A
Download  1829A Click to download

File Size   143.26 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Broadband Coax, Series 6, 18 AWG Solid BCCS, Foil 60% AL Braid, PVC Jkt, CM

1829A Datasheet (HTML) - Belden Inc.


1829A Product details

Product Description
Broadband Coax, Series 6, 18 AWG Solid Bare Copper Covered Steel Conductor, PE Insulation, Foil + 60% Aluminum Braid Shield, PVC Jacket, CM




Similar Part No. - 1829A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1829A0081000 ETC2-1829A0081000 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1829A008U1000 ETC2-1829A008U1000 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1829A0091000 ETC2-1829A0091000 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1829A009U1000 ETC2-1829A009U1000 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
1829A0101000 ETC2-1829A0101000 Datasheet
102Kb / 3P
Series 6, 18 AWG solid .040 bare copper or bare copper-covered steel conductor
More results


Similar Description - 1829A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
3092A BELDEN-3092A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
3094A BELDEN-3094A Datasheet
262Kb / 4P
ControlBus?? Coax RG11, #14 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
123092A BELDEN-123092A Datasheet
247Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, AIA Armor, PVC Jkt, CM
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
9773 BELDEN-9773 Datasheet
239Kb / 2P
Audio, Control & Instrument, #18-3pr, PO, Indiv. Foil, PVC Jkt, CM
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
9774 BELDEN-9774 Datasheet
207Kb / 2P
Audio, Control & Instrument, #18-6pr, PO, Indiv. Foil, PVC Jkt, CM
04-19-2023
9776 BELDEN-9776 Datasheet
197Kb / 2P
Audio, Control & Instrument, #18-12pr, PO, Indiv. Foil, PVC Jkt, CM
05-05-2023
9777 BELDEN-9777 Datasheet
169Kb / 2P
Audio, Control & Instrument, #18-15pr, PO, Indiv. Foil, PVC Jkt, CM
01-20-2023
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com