Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9066 Datasheet (PDF) - Belden Inc.

9066 Datasheet PDF - Belden Inc.
Part # 9066
Download  9066 Download
File Size   167.57 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Foil Braid

9066 Datasheet (PDF)

Go To PDF Page Download Datasheet
9066 Datasheet PDF - Belden Inc.

Part # 9066
Download  9066 Click to download

File Size   167.57 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CATV Video, RG6, 18 AWG BCCS, Foil Braid

9066 Datasheet (HTML) - Belden Inc.


9066 Product details

Product Description
Series 6, 18 AWG solid bare copper-covered steel conductor, gas-injected foam polyethylene insulation, Duobond® II, aluminum braid shield (60% coverage),
polyethylene jacket.




Similar Part No. - 9066

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9066 ETC2-9066 Datasheet
252Kb / 1P
CHASSIS MOUNT SUPPORT
9066 ETC2-9066 Datasheet
100Kb / 2P
INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9066 HEYCO-9066 Datasheet
153Kb / 1P
Lockit™ Nylon Cable Clamps
9066 HEYCO-9066 Datasheet
152Kb / 2P
Snap Rivets
9066 HEYCO-9066 Datasheet
100Kb / 1P
Nytye® Push Rivets
More results


Similar Description - 9066

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C57774101 GENERAL-C57774101 Datasheet
78Kb / 3P
C5777, Coaxial Cable, RG6/U Type, 18 AWG Copper Clad Steel
logo
List of Unclassifed Man...
PA8013 ETC2-PA8013 Datasheet
31Kb / 1P
CRIMPALL RG59/RG6 CATV CLAMSHELL
logo
Belden Inc.
1694A BELDEN-1694A Datasheet
251Kb / 4P
Serial Digital Coax, RG6 Type, #18 Solid BC, Duofoil짰 95% TC braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
3092A BELDEN-3092A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, PVC Jkt, CMR
3092T BELDEN-3092T Datasheet
243Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, PO Ins, QUAD AL Shld, LSZH Jkt, CMG
3093A BELDEN-3093A Datasheet
248Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP High Temp 150C
3132A BELDEN-3132A Datasheet
260Kb / 3P
ControlBus?? Coax RG6, #18 Sol BCCS, FEP Ins, QUAD AL Shld, PVDF Jkt, CMP
183092A BELDEN-183092A Datasheet
246Kb / 3P
ControlNet?? (1) 18 AWG Solid BCCS, FPE/PVC/PVC, FoilAlum Braid Shld, Alum Armor, CL2R, CMR
8241 BELDEN-8241 Datasheet
235Kb / 2P
75 Ohm Analog Video Coax, RG-59, 23 AWG Solid BCCS, 95% BC Braid, PVC Jkt, CM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com