Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B57164K0150 Datasheet (PDF) - EPCOS

B57164K0150 Datasheet PDF - EPCOS
Part # B57164K0150
Download  B57164K0150 Download
File Size   61.78 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Leaded Disks

B57164K0150 Datasheet (PDF)

Go To PDF Page Download Datasheet
B57164K0150 Datasheet PDF - EPCOS

Part # B57164K0150
Download  B57164K0150 Click to download

File Size   61.78 Kbytes
Page   3 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Leaded Disks

B57164K0150 Datasheet (HTML) - EPCOS




Similar Part No. - B57164K0150

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57164K0150+000 EPCOS-B57164K0150+000 Datasheet
557Kb / 30P
NTC thermistors for temperature measurement
logo
TDK Electronics
B57164K0150+000 TDK-B57164K0150+000 Datasheet
584Kb / 30P
NTC thermistors for temperature measurement
logo
EPCOS
B57164K0150F000 EPCOS-B57164K0150F000 Datasheet
362Kb / 24P
NTC thermistors for temperature measurement
B57164K0150J000 EPCOS-B57164K0150J000 Datasheet
362Kb / 24P
NTC thermistors for temperature measurement
B57164K0150K000 EPCOS-B57164K0150K000 Datasheet
362Kb / 24P
NTC thermistors for temperature measurement
More results


Similar Description - B57164K0150

ManufacturerPart #DatasheetDescription
logo
EPCOS
B597XXB EPCOS-B597XXB Datasheet
106Kb / 6P
Leaded Disks, Uncoated, 380 V to 1000 V
B59935 EPCOS-B59935 Datasheet
82Kb / 5P
Overcurrent Protection Leaded Disks, Coated
B59943 EPCOS-B59943 Datasheet
71Kb / 3P
Overcurrent Protection Leaded Disks, Coated, 42 V Power Net
B59910 EPCOS-B59910 Datasheet
144Kb / 10P
Overcurrent Protection Leaded Disks, Coated
B59910C0130A070 EPCOS-B59910C0130A070 Datasheet
886Kb / 13P
Leaded disks, coated, 63 V
B59830C0160A070 EPCOS-B59830C0160A070 Datasheet
83Kb / 5P
Leaded Disks, Coated, 110 V
B59610B1120A070 EPCOS-B59610B1120A070 Datasheet
72Kb / 4P
Line Card Applications, Leaded Disks
B59008C0060A040 EPCOS-B59008C0060A040 Datasheet
73Kb / 4P
Limit Temperature Sensors, Leaded Disks
B59100C0920A070 EPCOS-B59100C0920A070 Datasheet
81Kb / 5P
Sensors Limit Temperature Sensors, Leaded Disks, Coated
logo
Shanghai Leiditech Elec...
SCD-102-501AVN LEIDITECH-SCD-102-501AVN Datasheet
332Kb / 1P
Leaded disks ceramic PTC
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com