Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD4130-4 Datasheet (PDF) - Analog Devices

AD4130-4 Datasheet PDF - Analog Devices
Part # AD4130-4
Download  AD4130-4 Download
File Size   3897.37 Kbytes
Page   106 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO

AD4130-4 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD4130-4 Datasheet PDF - Analog Devices

Part # AD4130-4
Download  AD4130-4 Click to download

File Size   3897.37 Kbytes
Page   106 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO

AD4130-4 Datasheet (HTML) - Analog Devices


AD4130-4 Product details

FEATURES
► Ultra-low current consumption (typical)
► 32 μA: continuous conversion mode (gain = 128)
► 5 μA: duty cycling mode (ratio = 1/16)
► 0.5 μA: standby mode
► 0.1 μA: power-down mode
► Built-in features for system level power savings
► Current saving duty cycle ratio: 1/4 or 1/16
► Smart sequencer and per channel configuration minimizes
host processor load
► Deep embedded FIFO minimizes host processor load (depth
of 256 samples)
► Autonomous FIFO interrupt functionality, threshold detection
► Single supply as low as 1.71 V increasing battery length
► RMS noise: 25 nV rms at 1.17 SPS (gain = 128) − 48 nV/√Hz
► Up to 22 noise free bits (gain = 1)
► Output data rate: 1.17 SPS to 2.4 kSPS
► Operates from 1.71 V to 3.6 V single supply or ±1.8 V split
supplies
► Band gap reference with 15 ppm/°C maximum drift
► PGA with rail-to-rail analog input
► Adaptable sensor interfacing functionality
► Matched programmable excitation currents for RTDs
FUNCTIONAL BLOCK DIAGRAM
► On-chip bias voltage generator for thermocouples
► Low-side power switch for bridge transducers
► Sensor open-wire detection
► Internal temperature sensor and oscillator
► Self and system calibration
► Flexible filter options
► Simultaneous 50 Hz/60 Hz rejection (on selected filter options)
► General-purpose outputs
► Diagnostic functionality
► Crosspoint multiplexed inputs
► 4 differential/8 pseudo differential inputs
► 5 MHz SPI (3-wire or 4-wire)
► Available in 32-lead, 5 mm × 5 mm LFCSP package
► Temperature range: −40°C to +125°C (LFCSP)
► AD4130-4 LFCSP pin compatible with AD7124-4 LFCSP
APPLICATIONS
► Smart transmitters
► Wireless battery and harvester powered sensor nodes
► Portable instrumentation
► Temperature measurement: thermocouple, RTD, thermistors
► Pressure measurement: bridge transducers
► Healthcare and wearables




Similar Part No. - AD4130-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4130-4 AD-AD4130-4 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
AD4130-4BCBZ-RL7 AD-AD4130-4BCBZ-RL7 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
AD4130-4BCPZ-RL7 AD-AD4130-4BCPZ-RL7 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
AD4130-4 AD-AD4130-4_V01 Datasheet
3Mb / 108P
32 μA, Ultra-Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. A
More results


Similar Description - AD4130-4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
MAX11270 MAXIM-MAX11270_V01 Datasheet
1Mb / 47P
24-Bit, 10mW, 130dB SNR, 64ksps Delta-Sigma ADC with Integrated PGA
2015
logo
Analog Devices
AD4130-8 AD-AD4130-8 Datasheet
3Mb / 108P
32 關A, Ultra Low Power, 24-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4129-8 AD-AD4129-8 Datasheet
3Mb / 105P
32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA and FIFO
Rev. 0
AD4131-8 AD-AD4131-8 Datasheet
3Mb / 94P
32 μA, Ultra Low Power, 16-Bit Sigma-Delta ADC with Integrated PGA
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com