Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41510 Datasheet (PDF) - Analog Devices

ADF41510 Datasheet PDF - Analog Devices
Part # ADF41510
Download  ADF41510 Download
File Size   2381.47 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 GHz, Integer-N/Fractional-N PLL Synthesizer

ADF41510 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADF41510 Datasheet PDF - Analog Devices

Part # ADF41510
Download  ADF41510 Click to download

File Size   2381.47 Kbytes
Page   29 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 10 GHz, Integer-N/Fractional-N PLL Synthesizer

ADF41510 Datasheet (HTML) - Analog Devices


ADF41510 Product details

GENERAL DESCRIPTION
The ADF41510 is an ultra-low noise frequency synthesizer that can
be used to implement local oscillators (LOs) as high as 10 GHz in
the upconversion and downconversion sections of wireless receivers
and transmitters.
The ADF41510 is designed on a high-performance silicon germanium
(SiGe), bipolar complementary metal-oxide semiconductor
(BiCMOS) process, achieving a normalized phase noise floor
of −235 dBc/Hz. The PFD operates up to 250 MHz (integer-N
mode)/125 MHz (fractional-N mode) for improved phase noise and
spur performance. The variable modulus, Σ-Δ modulator, allows
extremely fine resolution when using a 49-bit divide value. The
ADF41510 can be used as an integer-N PLL, or it can be used as a
fractional-N PLL with either a fixed modulus for subhertz frequency
resolution or variable modulus for subhertz exact frequency resolution.
A complete PLL is implemented when the synthesizer is used with
an external loop filter and voltage-controlled oscillator (VCO). The
10 GHz bandwidth eliminates the need for a frequency doubler or
divider stage, simplifying system architecture and reducing cost.
The ADF41510 is packaged in a compact, 24-lead, 4 mm × 4 mm LFCSP.
FEATURES
► 1 GHz to 10 GHz bandwidth
► Ultra-low noise phase locked loop (PLL)
► Integer-N = −235 dBc/Hz, fractional-N = −231 dBc/Hz
► High maximum phase frequency detector (PFD) frequency
► Integer-N = 250 MHz, fractional-N = 125 MHz
► 25-bit fixed/49-bit variable fractional modulus mode
► Single-ended reference input
► 3.3 V power supply, 3.3 V charge pump
► Integrated 1.8 V logic capability
► Phase resync
► Programmable charge pump currents: 16× range
► Digital lock detect (DLD)
► 3-wire serial interface with register readback option
► Hardware and software power-down mode
► Operating range: −40°C to +105°C
APPLICATIONS
► Test equipment and instrumentation
► Wireless infrastructure
► Microwave point-to-point and multipoint radios
► Very small aperture terminal (VSAT) radios
► Aerospace and defense




Similar Part No. - ADF41510

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF41510 AD-ADF41510 Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. A
ADF41510BCPZ AD-ADF41510BCPZ Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. A
ADF41510BCPZ-RL7 AD-ADF41510BCPZ-RL7 Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. A
ADF41510 AD-ADF41510_V01 Datasheet
2Mb / 29P
10 GHz, Integer-N/Fractional-N PLL Synthesizer
Rev. A
More results


Similar Description - ADF41510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF2050 TI-TRF2050 Datasheet
563Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4150 AD-ADF4150 Datasheet
818Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
7/11-Revision 0
ADF4151 AD-ADF4151 Datasheet
462Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. B
logo
Texas Instruments
TRF2056 TI1-TRF2056 Datasheet
327Kb / 24P
LOW-VOLTAGE 1,2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4150BCPZ AD-ADF4150BCPZ Datasheet
486Kb / 28P
Fractional-N/Integer-N PLL Synthesizer
REV. 0
logo
Texas Instruments
TRF2050 TI1-TRF2050_00 Datasheet
542Kb / 34P
LOW-VOLTAGE 1.2-GHz FRACTIONAL-N/INTEGER-N SYNTHESIZER
logo
Analog Devices
ADF4152HV AD-ADF4152HV Datasheet
634Kb / 27P
High Voltage, Fractional-N/Integer N PLL Synthesizer
7/2016-Revision 0
ADF4155 AD-ADF4155 Datasheet
530Kb / 32P
Integer-N/Fractional-N PLL Synthesizer
4/14-Revision 0
ADF41513 AD-ADF41513 Datasheet
565Kb / 33P
Integer N/Fractional-N, PLL Synthesizer
ADF41513 AD-ADF41513_V01 Datasheet
1Mb / 30P
26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
1/2019-Revision 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com