Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULT Datasheet (PDF) - Murata Power Solutions Inc.

ULT Datasheet PDF - Murata Power Solutions Inc.
Part # ULT
Download  ULT Download
File Size   3018.2 Kbytes
Page   27 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Thirty-Second-Brick Isolated DC/DC Converters with 2:1 Wide Input Range

ULT Datasheet (PDF)

Go To PDF Page Download Datasheet
ULT Datasheet PDF - Murata Power Solutions Inc.

Part # ULT
Download  ULT Click to download

File Size   3018.2 Kbytes
Page   27 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description Thirty-Second-Brick Isolated DC/DC Converters with 2:1 Wide Input Range

ULT Datasheet (HTML) - Murata Power Solutions Inc.


ULT Product details

2:1 Input Voltage Range (36V – 75V, 48 Volts,
nominal)
Up to 30W output power @ 36 – 48 – 75Vin
89% effi ciency (typical, 5Vout)
Through-hole and optional SMT package
Miniature 1/32 brick open frame package
Positive & Negative Logic On/Off control option
Over-current & Over-temperature protection
Low output ripple and noise
Strong thermal derating characteristics
Operational Temperature Range –40°C to +85°C
1500V I/O isolation
Tight line/load regulation
Certified to UL/IEC 60950-1, 62368-1, CAN/
CSA C22.2 No. 60950-1, safety approvals,
2nd Edition




Similar Part No. - ULT

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
ULT NICHICON-ULT Datasheet
645Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
LUMEL S.A.
ULT20 LUMEL-ULT20 Datasheet
1Mb / 4P
ultrasonic level transducer
ULT20-00E0 LUMEL-ULT20-00E0 Datasheet
1Mb / 4P
ultrasonic level transducer
ULT20-00E1 LUMEL-ULT20-00E1 Datasheet
1Mb / 4P
ultrasonic level transducer
ULT20-00EX LUMEL-ULT20-00EX Datasheet
1Mb / 4P
ultrasonic level transducer
More results


Similar Description - ULT

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MIW1100 TOTAL-POWER-MIW1100 Datasheet
362Kb / 8P
3 Watts 2 :1 Wide Input Range DC/DC Converters
MKW2500 TOTAL-POWER-MKW2500 Datasheet
187Kb / 8P
15 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1200 TOTAL-POWER-MIW1200 Datasheet
389Kb / 8P
2 - 3 Watts 2 :1 Wide Input Range DC/DC Converters
MIW1500 TOTAL-POWER-MIW1500 Datasheet
71Kb / 8P
3 Watts 2 :1 Wide Input Range DC/DC Converters
logo
Murata Manufacturing Co...
UWE MURATA-UWE Datasheet
1Mb / 13P
Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Power Solutions ...
UWE MURATA-PS-UWE Datasheet
213Kb / 4P
Wide Input, Isolated Eighth-Brick DC/DC Converters
logo
Murata Manufacturing Co...
UWQ-12-Q48 MURATA-UWQ-12-Q48 Datasheet
1,003Kb / 18P
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
UWQ-1217-Q48NB-C MURATA-UWQ-1217-Q48NB-C Datasheet
982Kb / 17P
Wide Input, Isolated DOSA Quarter Brick DC/DC Converters
logo
Murata Power Solutions ...
ICH-360 MURATA-PS-ICH-360 Datasheet
3Mb / 17P
Wide Input Isolated Half Brick DC-DC
ICH-500 MURATA-PS-ICH-500 Datasheet
3Mb / 17P
Wide Input Isolated Half Brick DC-DC
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com