Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX3C1 Datasheet (PDF) - Belden Inc.

CX3C1 Datasheet PDF - Belden Inc.
Part # CX3C1
Download  CX3C1 Download
File Size   132.61 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CX3C1 - Broadband Coax 3, 8 AWG Solid BC, BC Foil, PE Jkt

CX3C1 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX3C1 Datasheet PDF - Belden Inc.

Part # CX3C1
Download  CX3C1 Click to download

File Size   132.61 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description CX3C1 - Broadband Coax 3, 8 AWG Solid BC, BC Foil, PE Jkt

CX3C1 Datasheet (HTML) - Belden Inc.


CX3C1 Product details

Product Description
Broadband Coax 3, 8 AWG Solid Bare Copper Conductor, PE Insulation, Copper Foil Shield, PE Jacket.




Similar Part No. - CX3C1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
CX3C0 BELDEN-CX3C0 Datasheet
140Kb / 3P
CX3C0 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, PE Jkt
04-08-2022
CX3C0.001050 BELDEN-CX3C0.001050 Datasheet
140Kb / 3P
CX3C0 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, PE Jkt
04-08-2022
CX3C0.00700 BELDEN-CX3C0.00700 Datasheet
140Kb / 3P
CX3C0 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, PE Jkt
04-08-2022
CX3C2 BELDEN-CX3C2 Datasheet
141Kb / 2P
CX3C2 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, LSZH Jkt
12-19-2022
CX3C5 BELDEN-CX3C5 Datasheet
135Kb / 2P
CX3C5 - Broadband Coax 3, 8 AWG Solid BC, Foil 60% BC Braid, HDPE Jkt
03-04-2023
More results


Similar Description - CX3C1

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
179DT BELDEN-179DT Datasheet
242Kb / 3P
Serial Digital Coax, Ultra-miniature, RG179 Type, 28.5 AWG Solid BC, Foil TC Braid, CMR
1505A BELDEN-1505A Datasheet
251Kb / 4P
Serial Digital Coax, RG59, #20 Solid BC, Foil 95% TC Braid, CMR
1695A BELDEN-1695A Datasheet
246Kb / 4P
Serial Digital Coax, RG6, #18 Solid BC, Foil 95% TC braid, CMP
7731A BELDEN-7731A Datasheet
247Kb / 4P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMR
7732A BELDEN-7732A Datasheet
240Kb / 3P
Serial Digital Coax, RG11, #14 Solid BC, Foil 95% TC braid, CMP
1811A BELDEN-1811A Datasheet
185Kb / 2P
Speaker Cable, 8 Conductor 14 AWG BC, Unshielded, PVC Jkt
04-24-2023
6401FE BELDEN-6401FE Datasheet
179Kb / 2P
Security & Sound, 3 Conductor 20 AWG BC, O/A Foil, CMP
12-20-2022
7733A BELDEN-7733A Datasheet
145Kb / 2P
50 Ohm Wireless Transmission Coax, RG-8, 10 AWG Solid BC, Foil 90% TC Braid, PVDF Jkt, CMP, Low Loss
04-14-2023
7808A BELDEN-7808A Datasheet
241Kb / 3P
50 Ohm Wireless Transmission Coax, RF 240, RG58X, 15 AWG Solid BC, Foil 95% TC Braid, PE Jkt
12-15-2021
7915A BELDEN-7915A Datasheet
158Kb / 3P
Broadband Coax, Series 6, 18 AWG Solid BC, Tri-Shield, PVC Jkt, CM
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com