Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI1284P11 Datasheet (PDF) - NXP Semiconductors

PDI1284P11 Datasheet PDF - NXP Semiconductors
Part # PDI1284P11
Download  PDI1284P11 Download
File Size   140.52 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Parallel interface transceiver/buffer

PDI1284P11 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDI1284P11 Datasheet PDF - NXP Semiconductors

Part # PDI1284P11
Download  PDI1284P11 Click to download

File Size   140.52 Kbytes
Page   12 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Parallel interface transceiver/buffer

PDI1284P11 Datasheet (HTML) - NXP Semiconductors


PDI1284P11 Product details

DESCRIPTION
The PDI1284P11 parallel interface chip is designed to provide an asynchronous, 8-bit, bi-directional, parallel interface for personal computers. The part includes all 19 signal lines defined by the IEEE1284 interface specification for Byte, Nibble, EPP, and ECP modes. The part is designed for hosts or peripherals operating at 3.3V to interface 3.3V or 5.0V devices.
   
FEATURES
• Asynchronous operation
• 8-Bit transceivers
• 6 additional buffer/driver lines peripheral to cable
• 5 additional control lines from cable
• 5V tolerant
• ESD protection exceeds 2000V per MIL STD 883 Method 3015
    and 200V per Machine Model
• Latch up protection exceeds 500 mA per JEDEC Std 19
• Input Hysteresis
• Low Noise Operation
• IEEE 1284 Compliant Level 1 & 2
• Overvoltage Protection on B/Y side for OFF-state
• A side 3-State option
• B side active or resistive pull up option
• Cable side VCC for 5V or 3V operation
   




Similar Part No. - PDI1284P11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11DGG NXP-PDI1284P11DGG Datasheet
99Kb / 16P
3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Nexperia B.V. All right...
PDI1284P11DGG NEXPERIA-PDI1284P11DGG Datasheet
237Kb / 14P
3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
logo
NXP Semiconductors
PDI1284P11DL NXP-PDI1284P11DL Datasheet
99Kb / 16P
3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
More results


Similar Description - PDI1284P11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT1284 PHILIPS-74HCT1284 Datasheet
138Kb / 12P
Parallel printer interface transceiver/buffer
1998 Jul 10
74LVC1284 PHILIPS-74LVC1284 Datasheet
100Kb / 10P
3.3V Parallel printer interface transceiver/buffer
1995 Nov 10
logo
Linear Technology
LTC2847 LINER-LTC2847 Datasheet
239Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
NXP Semiconductors
PDI1284P11 NXP-PDI1284P11 Datasheet
99Kb / 16P
3.3 V parallel interface transceiver/buffer
Rev. 03-25 August 2008
logo
Maxim Integrated Produc...
MAX4820 MAXIM-MAX4820_09 Datasheet
180Kb / 12P
3.3V/5V, 8-Channel, Cascadable Relay Drivers with Serial/Parallel Interface
Rev 1; 4/09
logo
Linear Technology
LTC2847 LINER-LTC2847_15 Datasheet
249Kb / 20P
Software-Selectable Multiprotocol Transceiver with Termination and 3.3V Digital Interface
logo
Holt Integrated Circuit...
HI-1582 HOLTIC-HI-1582_16 Datasheet
78Kb / 11P
3.3V Single Transceiver
logo
Nanjing Qinheng Microel...
CH421 WCH-CH421 Datasheet
149Kb / 7P
Buffer Interface ChIp
logo
Nexperia B.V. All right...
PDI1284P11 NEXPERIA-PDI1284P11 Datasheet
237Kb / 14P
3.3 V parallel interface transceiver/buffer
Rev. 4 - 6 July 2021
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com