Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB1460 Datasheet (PDF) - BusBoard Prototype Systems Ltd.

BB1460 Datasheet PDF - BusBoard Prototype Systems Ltd.
Part # BB1460
Download  BB1460 Download
File Size   710.72 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description 1460 tie-point Solderless Plug-in BreadBoard with power rails

BB1460 Datasheet (PDF)

Go To PDF Page Download Datasheet
BB1460 Datasheet PDF - BusBoard Prototype Systems Ltd.

Part # BB1460
Download  BB1460 Click to download

File Size   710.72 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description 1460 tie-point Solderless Plug-in BreadBoard with power rails

BB1460 Datasheet (HTML) - BusBoard Prototype Systems Ltd.


BB1460 Product details

Features:
• 1460 tie points total: 1260 tie-point IC-circuit area plus two 100 tie-point distribution strips
providing four power rails.
• ABS plastic body with black printed legend. Color legend on distribution strips.
• Contacts are Phosphor Bronze with Plated Nickel Finish, rated for 50,000 insertions.
• Rated at 36 Volts, 2 Amps.
• Insertion Wire Size is 21 to 26 AWG, 0.016 to 0.028 inches diameter (0.4 to 0.7mm diameter).
• Peelable adhesive tape backing provided for attaching to a surface.




Similar Part No. - BB1460

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB146 PHILIPS-BB146 Datasheet
29Kb / 4P
UHF variable capacitance diode
1996 Sep 20
More results


Similar Description - BB1460

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2944 POMONA-2944 Datasheet
28Kb / 1P
Miniature Solderless Stackup Banana Plug
2945 POMONA-2945 Datasheet
34Kb / 1P
Miniature Solderless Stackup Banana Plug With Safety Collar
logo
Axiomtek Co., Ltd.
AX10460 AXIOMTEK-AX10460 Datasheet
211Kb / 1P
PC/104 breadboard
logo
List of Unclassifed Man...
867-W ETC2-867-W Datasheet
67Kb / 1P
Tip Plug (Insulated Solderless)
BU-00243-0 ETC2-BU-00243-0 Datasheet
49Kb / 1P
Solderless Banana Plug
BU-00244-0 ETC2-BU-00244-0 Datasheet
47Kb / 1P
Solderless Banana Plug-Hex Design
BU-P1825-0 ETC2-BU-P1825-0 Datasheet
201Kb / 1P
SOLDERLESS STACKABLE BANANA PLUG
logo
SparkFun Electronics
PRT-08376 SPARKFUN-PRT-08376 Datasheet
172Kb / 2P
SparkFun Breadboard Power Supply USB -
8/5/2016
PRT-12044 SPARKFUN-PRT-12044 Datasheet
105Kb / 1P
Breadboard ??Mini Modular (Red)
5??6??7
PRT-13032 SPARKFUN-PRT-13032 Datasheet
99Kb / 1P
SparkFun Breadboard Power Supply Stick - 5V/3.3V
4/16/2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com