Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SB5 Datasheet (PDF) - BusBoard Prototype Systems Ltd.

SB5 Datasheet PDF - BusBoard Prototype Systems Ltd.
Part # SB5
Download  SB5 Download
File Size   1353.46 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description SB5 Snappable PCB BreadBoard with 5-Hole Strips with power rails and plated holes.

SB5 Datasheet (PDF)

Go To PDF Page Download Datasheet
SB5 Datasheet PDF - BusBoard Prototype Systems Ltd.

Part # SB5
Download  SB5 Click to download

File Size   1353.46 Kbytes
Page   2 Pages
Manufacturer  BUSBOARD [BusBoard Prototype Systems Ltd.]
Direct Link  http://www.busboard.com/
Logo BUSBOARD - BusBoard Prototype Systems Ltd.
Description SB5 Snappable PCB BreadBoard with 5-Hole Strips with power rails and plated holes.

SB5 Datasheet (HTML) - BusBoard Prototype Systems Ltd.


SB5 Product details

• Solderable PC breadboard with power rails.
• Snaps into 4 smaller boards for smaller projects.
• Each smaller board has the same 5-hole strip pattern with power rails.
• Double-sided high-quality FR4 glass-epoxy circuit board. Plated holes.
• Top side silkscreen shows which pads are connected. Soldermask provided.
• 1 oz/ft2 copper with an anti-tarnish coating for easy soldering.
• 1064 plated holes, 0.042" holes are drilled on 0.1" (2.54mm) centers.
SB5 Features:




Similar Part No. - SB5

ManufacturerPart #DatasheetDescription
logo
GREATECS
SB5 GREATECS-SB5 Datasheet
964Kb / 2P
Standard Slide Switches
logo
France Joint
SB5 FRANCEJOINT-SB5 Datasheet
456Kb / 5P
SHAFT SEALS WITH A TYPE 5 STOP
logo
Clarke International
SB5 CLARKE-SB5 Datasheet
188Kb / 4P
SPOT BLAST KIT
0404
logo
Anderson Power Products...
SB50 APP-SB50 Datasheet
1Mb / 7P
SB® 50 Connectors Up to 120 amps
REV C7
SB50 APP-SB50 Datasheet
556Kb / 4P
SB® Environmental Boots
REV 03
More results


Similar Description - SB5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PPS-90-STANDARD-M PHOENIX-PPS-90-STANDARD-M Datasheet
58Kb / 5P
Profile cutter, for cutting and stamping holes in standard DIN rails
PPS-CLASSIC-M PHOENIX-PPS-CLASSIC-M Datasheet
56Kb / 5P
Profile cutter, for cutting and stamping holes in standard DIN rails
logo
SparkFun Electronics
DEV-11235 SPARKFUN-DEV-11235 Datasheet
94Kb / 1P
Arduino and Breadboard Holder
5??6??7
logo
STMicroelectronics
STEF512SRI STMICROELECTRONICS-STEF512SRI Datasheet
2Mb / 28P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
14-Feb-2023
STEF512SRX STMICROELECTRONICS-STEF512SRX Datasheet
3Mb / 27P
Dual electronic fuse for 5 V and 12 V rails with reverse current blocking
31-Jan-2022
logo
WECO ELECTRICAL CONNECT...
152-A-111 WECO-152-A-111 Datasheet
77Kb / 1P
PCB connector Screw connection, interlocking, with test holes
10.12
970-MP WECO-970-MP Datasheet
75Kb / 1P
PCB connector Screw connection, with test holes
11.17
977-T WECO-977-T Datasheet
140Kb / 1P
PCB connector Screw connection, with test holes, interlocking
07.19
977 WECO-977 Datasheet
146Kb / 1P
PCB connector Screw connection, with test holes
07.19
150-A-111 WECO-150-A-111 Datasheet
75Kb / 1P
PCB connector Screw connection, interlocking, with test holes
10.12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com