Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDI1394L41 Datasheet (PDF) - NXP Semiconductors

PDI1394L41 Datasheet PDF - NXP Semiconductors
Part # PDI1394L41
Download  PDI1394L41 Download
File Size   303.75 Kbytes
Page   81 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1394 content protection AV link layer controller

PDI1394L41 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDI1394L41 Datasheet PDF - NXP Semiconductors

Part # PDI1394L41
Download  PDI1394L41 Click to download

File Size   303.75 Kbytes
Page   81 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1394 content protection AV link layer controller

PDI1394L41 Datasheet (HTML) - NXP Semiconductors


PDI1394L41 Product details

DESCRIPTION
The PDI1394L41, Philips Semiconductors Full Duplex 1394 Audio/Video (AV) Link Layer Controller, is an IEEE 1394–1995 compliant link layer controller featuring 2 embedded AV layer interfaces. The AV layers are designed to encrypt and pack, or unpack and decrypt application data packets for transmission over the IEEE1394 bus using isochronous data transfers and the “5C” content protection method.

FEATURES
• IEEE1394.a and IEEE1394–1995 Standard Link Layer Controller
• Hardware Support for the IEC61883 International Standard of Digital Interface for Consumer Electronics
• Interface to any IEEE 1394–1995 or 1394.a Physical Layer Interface
• 5V Tolerant I/Os
• Single 3.3V supply voltage
• Full-duplex isochronous operation
• Operates with 400/200/100 Mbps physical layer devices
• 12K byte fully programmable FIFO pool for isochronous and asynchronous data
• Supports single capacitor isolation mode and IEEE 1394–1995, Annex J. isolation
• 6-field deep SYT buffer added to enhance real-time isochronous synchronization using the AVFSYNC pin
• Generates its own AV port clocks under software control. Select one of three frequencies: 24.576, 12.288, or 6.144 MHz
• Hardware support for the “5C” content protection method
• On chip timer resources
• Flexible 8/16 bit multiplexed/non-multiplexed host interface
• Parallel AV interface
• Fast 56-bit M6 cipher/decipher blocks capable of operating at over 80 Mbps
• Hardware authentication acceleration to reduce software processor loading
• Highly configurable 12 K byte FIFO




Similar Part No. - PDI1394L41

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
1394 enhanced AV link layer controller
2000 Dec 15
PDI1394L40BE PHILIPS-PDI1394L40BE Datasheet
327Kb / 80P
1394 enhanced AV link layer controller
2000 Dec 15
More results


Similar Description - PDI1394L41

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394L11 PHILIPS-PDI1394L11 Datasheet
294Kb / 46P
1394 AV link layer controller
1997 Oct 21
PDI1394L21 PHILIPS-PDI1394L21 Datasheet
343Kb / 52P
1394 full duplex AV link layer controller
1999 Aug 06
logo
Texas Instruments
TSB12LV21B TI-TSB12LV21B Datasheet
299Kb / 22P
IEEE 1394 LINK LAYER CONTROLLER
TSB12LV31 TI-TSB12LV31 Datasheet
257Kb / 73P
IEEE 1394-1995 General-Purpose Link-Layer Controller
TSB43AA82 TI-TSB43AA82 Datasheet
770Kb / 146P
1394 INTEGRATED PHY AND LINK LAYER CONTROLLER
logo
NXP Semiconductors
PDI1394L40 PHILIPS-PDI1394L40 Datasheet
327Kb / 80P
1394 enhanced AV link layer controller
2000 Dec 15
logo
Texas Instruments
TSB42AA4 TI-TSB42AA4 Datasheet
798Kb / 183P
IEEE 1394 A CONSUMER ELECTRONICS LINK LAYER CONTROLLER
logo
NXP Semiconductors
SAA7356HL PHILIPS-SAA7356HL Datasheet
157Kb / 36P
1394 SBP-2 link layer controller
2000 Nov 17
logo
Texas Instruments
TSB12LV21B-EP TI1-TSB12LV21B-EP Datasheet
82Kb / 6P
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
TSB12LV21B TI1-TSB12LV21B_14 Datasheet
76Kb / 7P
(PCILynx-2) IEEE 1394 LINK LAYER CONTROLLER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com