Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B84110A Datasheet (PDF) - EPCOS

B84110A Datasheet PDF - EPCOS
Part # B84110A
Download  B84110A Download
File Size   123.52 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A

B84110A Datasheet (PDF)

Go To PDF Page Download Datasheet
B84110A Datasheet PDF - EPCOS

Part # B84110A
Download  B84110A Click to download

File Size   123.52 Kbytes
Page   7 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Power line filters for 1-phase systems Rated voltage 250 V DC/AC, 50/60 Hz Rated current 0.5 to 6 A

B84110A Datasheet (HTML) - EPCOS


B84110A Product details

2-line filters for general-purpose applications
Power line filters for 1-phase systems
Rated voltage 250 V DC/AC, 50/60 Hz
Rated current 0.5 to 6 A

Features
■ High insertion loss
■ For PCB mounting
■ Cost-effective solution
■ ENEC 10, UL and CSA approval

Applications
■ Medium-performance switch-mode power supplies
■ Data systems, gambling machines, small-size equipment
■ DC applications




Similar Part No. - B84110A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84110A EPCOS-B84110A Datasheet
133Kb / 7P
EMC filters
B84110A0000A005 EPCOS-B84110A0000A005 Datasheet
133Kb / 7P
EMC filters
B84110A0000A010 EPCOS-B84110A0000A010 Datasheet
133Kb / 7P
EMC filters
B84110A0000A020 EPCOS-B84110A0000A020 Datasheet
133Kb / 7P
EMC filters
B84110A0000A040 EPCOS-B84110A0000A040 Datasheet
133Kb / 7P
EMC filters
More results


Similar Description - B84110A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84111-A-A10 EPCOS-B84111-A-A10 Datasheet
135Kb / 7P
SIFI-A for normal insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 20 A
B84113-C-A30 EPCOS-B84113-C-A30 Datasheet
131Kb / 7P
SIFI-C for very high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84114-D-A10 EPCOS-B84114-D-A10 Datasheet
159Kb / 8P
SIFI-D for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 1 A to 10 A
B84115-E-A30 EPCOS-B84115-E-A30 Datasheet
155Kb / 7P
SIFI-E for high insertion loss Rated voltage 250 V~, 50/60 Hz Rated current 3 A to 10 A
B84142-A10-R EPCOS-B84142-A10-R Datasheet
220Kb / 7P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 10 to 60 A
B84142-B8-R EPCOS-B84142-B8-R Datasheet
153Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 8 A to 25 A
B84102-K EPCOS-B84102-K Datasheet
101Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84103 EPCOS-B84103 Datasheet
156Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1 to 6 A
B84110-A EPCOS-B84110-A Datasheet
104Kb / 5P
Power line filters for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 0,5 A to 6 A
B84110-B EPCOS-B84110-B Datasheet
94Kb / 4P
Power line filter for single-phase systems Rated voltage 250 V~, 50/60 Hz Rated current 1,4 A
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com