Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SI5326 Datasheet (PDF) - Silicon Laboratories

SI5326 Datasheet PDF - Silicon Laboratories
Part # SI5326
Download  SI5326 Download
File Size   619.06 Kbytes
Page   16 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR

SI5326 Datasheet (PDF)

Go To PDF Page Download Datasheet
SI5326 Datasheet PDF - Silicon Laboratories

Part # SI5326
Download  SI5326 Click to download

File Size   619.06 Kbytes
Page   16 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR

SI5326 Datasheet (HTML) - Silicon Laboratories


SI5326 Product details

Description

The Si5326 is a jitter-attenuating precision clock multiplier for applications requiring sub 1 ps jitter performance. The Si5326 accepts two input clocks ranging from 2 kHz to 710 MHz and generates two output clocks ranging from 2 kHz to 945 MHz and select frequencies to 1.4 GHz. The two outputs are divided down separately from a common source. The Si5326 can also use its crystal oscillator as a clock source for frequency synthesis. The device provides virtually any frequency translation combination across this operating range. The Si5326 input clock frequency and clock multiplication ratio are programmable through an I2C or SPI interface.



Features

 Generates any frequency from 2 kHz to 945 MHz and select frequencies to 1.4 GHz from an input frequency of 2 kHz to 710 MHz

 Ultra-low jitter clock outputs with jitter generation as low as 0.3 ps rms(50 kHz–80 MHz)

 Integrated loop filter with selectable loop bandwidth (60 Hz to 8.4 kHz)

 Meets OC-192 GR-253-CORE jitter specifications

 Dual clock inputs with manual or automatically controlled hitless switching (LVPECL, LVDS, CML, CMOS)

 Dual clock outputs with selectable signal format

 Support for ITU G.709 and custom FEC ratios (255/238, 255/237, 255/236)

 LOL, LOS, FOS alarm outputs

 Digitally-controlled output phase adjustment

 I2C or SPI programmable

 On-chip voltage regulator for 1.8 ±5%, 2.5 ±10%, or 3.3 V ±10% operation

 Small size: 6 x 6 mm 36-lead QFN

 Pb-free, ROHS compliant



Applications

 SONET/SDH OC-48/OC-192/STM-16/STM-64 line cards

 ITU G.709 and custom FEC line cards

 GbE/10GbE, 1/2/4/8/10G Fibre Channel line cards

 GbE/10GbE Synchronous Ethernet

 Optical modules

 Wireless basestations

 Data converter clocking

 xDSL

 PDH clock synthesis

 Test and measurement

 Broadcast video




Similar Part No. - SI5326

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
Si5326 SILABS-Si5326 Datasheet
341Kb / 50P
Pin-Controlled 1_710 MHz Jitter Cleaning Clock
logo
Skyworks Solutions Inc.
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5326 SKYWORKS-SI5326 Datasheet
1Mb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
Rev. 1.1
logo
Silicon Laboratories
Si5326A-C-GM SILABS-Si5326A-C-GM Datasheet
381Kb / 72P
ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326A-C-GM SKYWORKS-SI5326A-C-GM Datasheet
550Kb / 71P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Similar Description - SI5326

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5368 SILABS-SI5368 Datasheet
713Kb / 18P
ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5319 SILABS-SI5319 Datasheet
257Kb / 16P
ANY-RATE PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5326C-C-GM SILABS-SI5326C-C-GM Datasheet
381Kb / 72P
ANY FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5326 SKYWORKS-SI5326 Datasheet
550Kb / 71P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5327 SKYWORKS-SI5327 Datasheet
1Mb / 60P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com