Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1740161 Datasheet (PDF) - PHOENIX CONTACT

1740161 Datasheet PDF - PHOENIX CONTACT
Part # 1740161
Download  1740161 Download
File Size   249.52 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 1,5-V-3,81- 3 - PCB terminal block

1740161 Datasheet (PDF)

Go To PDF Page Download Datasheet
1740161 Datasheet PDF - PHOENIX CONTACT

Part # 1740161
Download  1740161 Click to download

File Size   249.52 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 1,5-V-3,81- 3 - PCB terminal block

1740161 Datasheet (HTML) - PHOENIX CONTACT


1740161 Product details

PCB terminal block, nominal current: 17.5 A, rated voltage (III/2): 320 V, nominal cross section:
1.5 mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product
range: FRONT 1,5-V, pitch: 3.81 mm, connection method: Front screw connection, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1740161

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17401 ETC2-17401 Datasheet
2Mb / 6P
Except for the Wattmeters Frequency Meters
logo
Extreme Networks.
17401 EXTREMENETWORKS-17401 Datasheet
269Kb / 7P
10Gb Edge Ethernet Switch
15aug23
logo
Theben AG
1740130 THEBEN-1740130 Datasheet
736Kb / 3P
Time and light control Digital time switches
07/04/2025
logo
Weidmuller
1740130000 WEIDMULLER-1740130000 Datasheet
292Kb / 5P
SL 3.50/16/180F 3.2AU OR BX
1740130000 WEIDMULLER-1740130000 Datasheet
1Mb / 23P
BL 3.50/16/180 SN OR BX PRT
More results


Similar Description - 1740161

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1705595 PHOENIX-1705595 Datasheet
80Kb / 5P
PCB terminal block - MKDSD 1,5/ 7-3,81
1705621 PHOENIX-1705621 Datasheet
80Kb / 5P
PCB terminal block - MKDSD 1,5/10-3,81
1705663 PHOENIX-1705663 Datasheet
74Kb / 4P
PCB terminal block - EMKDS 1,5/ 3-3,81
1751480 PHOENIX-1751480 Datasheet
83Kb / 5P
PCB terminal block - SPTA 1,5/ 3-3,81
1822435 PHOENIX-1822435 Datasheet
103Kb / 5P
PCB terminal block - SPT-THR 1,5/ 3-V-3,81 P26
1823311 PHOENIX-1823311 Datasheet
98Kb / 4P
PCB terminal block - SPT-THR 1,5/ 3-V-3,81 P20 R24
1824200 PHOENIX-1824200 Datasheet
103Kb / 5P
PCB terminal block - SPT-SMD 1,5/ 3-V-3,81 R32
1890484 PHOENIX-1890484 Datasheet
56Kb / 4P
PCB terminal block - FFKDSA1/V-3,81- 3
1705553 PHOENIX-1705553 Datasheet
120Kb / 7P
PCB terminal block - MKDSD 1,5/ 3-3,81
09/11/2020
1071179 PHOENIX-1071179 Datasheet
354Kb / 11P
SPTA-THR 1,5/ 3-3,81 R32 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com