Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1905997 Datasheet (PDF) - PHOENIX CONTACT

1905997 Datasheet PDF - PHOENIX CONTACT
Part # 1905997
Download  1905997 Download
File Size   242.99 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-7,62- 2 - PCB terminal block

1905997 Datasheet (PDF)

Go To PDF Page Download Datasheet
1905997 Datasheet PDF - PHOENIX CONTACT

Part # 1905997
Download  1905997 Click to download

File Size   242.99 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 1,5-7,62- 2 - PCB terminal block

1905997 Datasheet (HTML) - PHOENIX CONTACT


1905997 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 320 V, nominal cross section: 1.5
mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product range:
ZFKDS(A) 1,5, pitch: 7.62 mm, connection method: Spring-cage connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Angled connection enables multi-row arrangement on the PCB
• The latching on the side enables various numbers of positions to be combined
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1905997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1905971 PHOENIX-1905971 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 6
09/12/2020
1905984 PHOENIX-1905984 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08-12
09/12/2020
logo
VAT Group AG
19059_PE44 VAT-19059_PE44 Datasheet
160Kb / 2P
Large vacuum gate valve, Series 190, DN 900 (ID 36’’)
More results


Similar Description - 1905997

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1707027 PHOENIX-1707027 Datasheet
80Kb / 5P
PCB terminal block - GMKDSN 1,5/ 2-7,62
1718728 PHOENIX-1718728 Datasheet
85Kb / 6P
PCB terminal block - GSMKDSP 1,5/ 2-7,62
1733127 PHOENIX-1733127 Datasheet
45Kb / 3P
PCB terminal block - GSMKDSPL 1,5/ 2-7,62
1890743 PHOENIX-1890743 Datasheet
97Kb / 4P
PCB terminal block - ZFKDSA 1,5-W-5,08- 2
1906158 PHOENIX-1906158 Datasheet
45Kb / 2P
PCB terminal block - ZFKDSA 1,5-W-7,62- 2
1906297 PHOENIX-1906297 Datasheet
98Kb / 4P
PCB terminal block - ZFKDSA 1,5-7,62- 6
1932724 PHOENIX-1932724 Datasheet
41Kb / 2P
PCB terminal block - ZFKDSA 1,5-7,62 GY
1891519 PHOENIX-1891519 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 2
09/12/2020
1871856 PHOENIX-1871856 Datasheet
249Kb / 9P
ZFKDSA 1,5-6,08 - PCB terminal block
1932821 PHOENIX-1932821 Datasheet
253Kb / 9P
ZFKDSA 1,5-W-7,62- 5 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com