Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1986149 Datasheet (PDF) - PHOENIX CONTACT

1986149 Datasheet PDF - PHOENIX CONTACT
Part # 1986149
Download  1986149 Download
File Size   294.54 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V1-10,16-3 - PCB terminal block

1986149 Datasheet (PDF)

Go To PDF Page Download Datasheet
1986149 Datasheet PDF - PHOENIX CONTACT

Part # 1986149
Download  1986149 Click to download

File Size   294.54 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FFKDSA1/V1-10,16-3 - PCB terminal block

1986149 Datasheet (HTML) - PHOENIX CONTACT


1986149 Product details

PCB terminal block, nominal current: 15 A, rated voltage (III/2): 400 V, nominal cross section: 1.5
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
FFKDS(A)/V1, pitch: 10.16 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear pinning,
number of solder pins per potential: 2, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive operation due to color-coded actuating push button
• Operation and conductor connection from one direction enable integration into front of device
• Two solder pins reduce the mechanical strain on the soldering spots
• The latching on the side enables various numbers of positions to be combined
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1986149

ManufacturerPart #DatasheetDescription
logo
DESCO INDUSTRIES INC
19861 DESCO-19861 Datasheet
704Kb / 5P
WRIST STRAPS & COIL CORDS
logo
Tyco Electronics
1986160-2 MACOM-1986160-2 Datasheet
95Kb / 1P
PLUG HOUSING TERMINAL BLOCK, CRIMP STYLE, 5.08mm PITCH
1986160-3 MACOM-1986160-3 Datasheet
95Kb / 1P
PLUG HOUSING TERMINAL BLOCK, CRIMP STYLE, 5.08mm PITCH
1986160-4 MACOM-1986160-4 Datasheet
95Kb / 1P
PLUG HOUSING TERMINAL BLOCK, CRIMP STYLE, 5.08mm PITCH
1986160-5 MACOM-1986160-5 Datasheet
95Kb / 1P
PLUG HOUSING TERMINAL BLOCK, CRIMP STYLE, 5.08mm PITCH
More results


Similar Description - 1986149

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1700622 PHOENIX-1700622 Datasheet
92Kb / 4P
PCB terminal block - FFKDSA1/V1-5,08-11
1731718 PHOENIX-1731718 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-24
1751578 PHOENIX-1751578 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 9
1751604 PHOENIX-1751604 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08-14
1780549 PHOENIX-1780549 Datasheet
58Kb / 4P
PCB terminal block - FFKDSA1/V1-7,62- 3
1789113 PHOENIX-1789113 Datasheet
111Kb / 6P
PCB terminal block - FFKDSA1/V1-5,08- 4
1791790 PHOENIX-1791790 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 8
1791981 PHOENIX-1791981 Datasheet
52Kb / 3P
PCB terminal block - FFKDSA1/V1-5,08- 7
1780662 PHOENIX-1780662 Datasheet
309Kb / 10P
PCB terminal block - FFKDSA1/V1-5,08- 6
Nov 30, 2022
1704376 PHOENIX-1704376 Datasheet
305Kb / 10P
PCB terminal block - FFKDSA1/V1-5,08- 3
Jan 5, 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com