Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC3683HBP/EM Datasheet (PDF) - Texas Instruments

ADC3683HBP/EM Datasheet PDF - Texas Instruments
Part # ADC3683HBP/EM
Download  ADC3683HBP/EM Download
File Size   3419.24 Kbytes
Page   70 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC

ADC3683HBP/EM Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC3683HBP/EM Datasheet PDF - Texas Instruments

Part # ADC3683HBP/EM
Download  ADC3683HBP/EM Click to download

File Size   3419.24 Kbytes
Page   70 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADC3683-SP Space Grade 18-Bit 1 to 65MSPS, Low Noise, Ultra-low Power Dual Channel ADC

ADC3683HBP/EM Datasheet (HTML) - Texas Instruments


ADC3683HBP/EM Product details

1 Features
• Space screening and radiation performance
– QML-V screening and reliability
– Total ionizing dose (TID): 300 krad (Si)
– Single event latchup (SEL): 75 MeV-cm2/mg
• Ambient temperature range: −55°C to 105°C
• Dual channel ADC
• 18-bit 65MSPS
• Noise Floor: -160dBFS/Hz
• Low power and optimized power scaling:
50mW/ch (10MSPS) to 94mW/ch (65MSPS)
• Latency: 1-2 clock cycles
• 18-bit, no missing codes
• INL: ±9, DNL: ±0.7 LSB (typical)
• Reference: external or internal
• Input bandwidth: 140MHz (–3dB)
• On-chip digital filter (optional)
– Decimation by 2, 4, 8, 16, 32
– 32-bit NCO
• Serial LVDS digital interface (2-, 1- and 1/2-wire)
• Spectral performance (fIN = 5MHz):
– SNR: 83.5dBFS
– SFDR: 87dBc HD2, HD3
– SFDR: 99dBFS worst spur

2 Applications
• Satellite optical communications payload
• Satellite imaging payloads
• Satellite communication payloads
• Satellite RADAR and LIDAR payloads.

3 Description
The ADC3683-SP is a low noise, ultra-low power 18-
bit 65MSPS high-speed dual channel ADC. Designed
for lowest noise performance, the device delivers a
noise spectral density of −160dBFS/Hz combined with
excellent linearity and dynamic range. The ADC3683-
SP offers DC precision together with IF sampling
support making it designed for a wide range of
applications. High-speed control loops benefit from
the short latency as low as only 1 clock cycle. The
ADC consumes only 94mW/ch at 65Msps and the
power consumption scales well with lower sampling
rates.
The device uses a serial LVDS (SLVDS) interface
to output the data which minimizes the number of
digital interconnects. The device supports two-lane,
one-lane and half-lane options. The device is pin-topin
compatible with the 14-bit, 125MSPS ADC3664-
SP. The device comes in a 64-pin CFP package
(10.9mm x 10.9mm), and supports a temperature
range from −55°C to +105°C.




Similar Part No. - ADC3683HBP/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 73P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3683 TI-ADC3683 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3683 TI-ADC3683 Datasheet
5Mb / 85P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
ADC3683 TI2-ADC3683 Datasheet
5Mb / 91P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
More results


Similar Description - ADC3683HBP/EM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1741 LINER-LTC1741 Datasheet
666Kb / 20P
12-Bit, 65Msps Low Noise ADC
LTC1742 LINER-LTC1742 Datasheet
572Kb / 20P
14-Bit, 65Msps Low Noise ADC
LTC1741 LINER-LTC1741_15 Datasheet
671Kb / 20P
12-Bit, 65Msps Low Noise ADC
LTC1742 LINER-LTC1742_15 Datasheet
577Kb / 20P
14-Bit, 65Msps Low Noise ADC
LTC2215 LINER-LTC2215_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
LTC2216 LINER-LTC2216_15 Datasheet
1Mb / 36P
16-Bit, 80Msps/65Msps Low Noise ADC
logo
Texas Instruments
ADC3683 TI-ADC3683 Datasheet
4Mb / 73P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3683 TI-ADC3683_V01 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
ADC3682 TI-ADC3682 Datasheet
4Mb / 75P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
DECEMBER 2021
ADC3681 TI-ADC3681 Datasheet
5Mb / 85P
ADC368x 18-bit 0.5 to 65-MSPS Low Noise Ultra-low Power Dual Channel ADC
REVISED OCTOBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com