Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

12LP10 Datasheet (PDF) - Sensata Technologies, Inc.

12LP10 Datasheet PDF - Sensata Technologies, Inc.
Part # 12LP10
Download  12LP10 Download
File Size   159.07 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PURE SINE WAVE OUTPUT

12LP10 Datasheet (PDF)

Go To PDF Page Download Datasheet
12LP10 Datasheet PDF - Sensata Technologies, Inc.

Part # 12LP10
Download  12LP10 Click to download

File Size   159.07 Kbytes
Page   3 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description PURE SINE WAVE OUTPUT

12LP10 Datasheet (HTML) - Sensata Technologies, Inc.


12LP10 Product details

Features
• GFCI Outlet – Provides 120 VAC output as well as
receptacle protection.
• Unit Protection – Provides automatic electronic short circuit/
overload protection, automatic over-temperature shutdown,
and an AC output circuit breaker.
• Status LED – Provides inverter operation mode and
troubleshooting information at a glance.
• Low Battery Protection – Automatically shuts down at
10.5 VDC with in-rush delay. The end user may also select
an optional setting of 11.7 VDC.
• Battery Surge Protection – The 12LP10 has an input DC
voltage range of 10.5 - 16 volts. The inverter can tolerate up
to 24 VDC for five minutes, then will shut down to preserve
the system.
• Auto Sleep Mode – Auto sleep mode helps preserve battery
life over long periods of no load operation.




Similar Part No. - 12LP10

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
12LP15 SENSATA-12LP15 Datasheet
307Kb / 3P
PURE SINE WAVE OUTPUT
Rev: 04/2021
More results


Similar Description - 12LP10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PN200501500VA001 ETC2-PN200501500VA001 Datasheet
78Kb / 5P
500VA Pure Sine Wave Inverter
logo
COTEK ELECTRONIC IND. C...
SD1500 COTEK-SD1500 Datasheet
303Kb / 3P
1500W Pure Sine Wave
20/05/25
SD2500 COTEK-SD2500 Datasheet
537Kb / 3P
2500W Pure Sine Wave
21/03/05
SD3500 COTEK-SD3500 Datasheet
665Kb / 3P
3500W Pure Sine Wave
21/10/06
SE200 COTEK-SE200 Datasheet
75Kb / 2P
200W Pure Sine Wave Inverter
20/10/21
SE400 COTEK-SE400 Datasheet
362Kb / 2P
400W Pure Sine Wave Inverter
2021 01
SP-1500 COTEK-SP-1500 Datasheet
129Kb / 2P
1500W Pure Sine Wave Inverter
20/10/21
SP-3000 COTEK-SP-3000 Datasheet
179Kb / 2P
3000W Pure Sine Wave Inverter
20/10/21
SP-4000 COTEK-SP-4000 Datasheet
175Kb / 2P
4000W Pure Sine Wave Inverter
20/10/21
SR1000T COTEK-SR1000T Datasheet
37Kb / 1P
1000W Pure Sine Wave Inverter
20/10/20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com