Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3BT Datasheet (PDF) - Sensata Technologies, Inc.

3BT Datasheet PDF - Sensata Technologies, Inc.
Part # 3BT
Download  3BT Download
File Size   219.96 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 0°F to 350°F, Tiny Stat™ Precision Thermostats

3BT Datasheet (PDF)

Go To PDF Page Download Datasheet
3BT Datasheet PDF - Sensata Technologies, Inc.

Part # 3BT
Download  3BT Click to download

File Size   219.96 Kbytes
Page   6 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description 0°F to 350°F, Tiny Stat™ Precision Thermostats

3BT Datasheet (HTML) - Sensata Technologies, Inc.


3BT Product details

Features
• Smallest snap–acting thermal switches ever made
• Extremely fast response
• Single pole, single throw (SPST)
• Normally open or closed
• Preset, non-adjustable calibration
• Hermetically sealed and back–filled with nitrogen
• Gold plated
• Various mounting configurations available
• Qualified to MIL-PRF-24236/13 (4BT) and MIL-PRF-24236/19 (3BT)
• Qualified to NASA S-311-641/06 (4BT) and NASA S-311-641/07
(3BT)





Similar Description - 3BT

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
72979 POMONA-72979 Datasheet
119Kb / 1P
SMA (F) TO SMB (F)
logo
Mini-Circuits
SF-BF50 MINI-SF-BF50 Datasheet
209Kb / 1P
SMA-F to BNC-F
logo
Pasternack Enterprises,...
PE9759 PASTERNACK-PE9759 Datasheet
245Kb / 2P
Precision 75 Ohm F Male to F Female Adapter
PE9760 PASTERNACK-PE9760 Datasheet
243Kb / 2P
Precision 75 Ohm F Male to F Male Adapter
PE9761 PASTERNACK-PE9761 Datasheet
74Kb / 1P
F FEMALE TO F FEMALE
logo
List of Unclassifed Man...
02021602301 ETC2-02021602301 Datasheet
98Kb / 1P
Han Q5/0-F
logo
Pasternack Enterprises,...
PE91348 PASTERNACK-PE91348 Datasheet
338Kb / 3P
Precision 75 Ohm F Male to F Male Adapter
PE91349 PASTERNACK-PE91349 Datasheet
336Kb / 3P
Precision 75 Ohm F Female to F Female Adapter
logo
HARTING Technology Grou...
09-12-003-3151 HARTING-09-12-003-3151 Datasheet
469Kb / 2P
Han Q3/0 -F- Crimp
09-11-000-9965 HARTING-09-11-000-9965 Datasheet
516Kb / 2P
HC 350-Halterung enlarged-F
2021-10-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com