Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPA0163LSQ Datasheet (PDF) - Qorvo, Inc

QPA0163LSQ Datasheet PDF - Qorvo, Inc
Part # QPA0163LSQ
Download  QPA0163LSQ Download
File Size   981.36 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 100 – 1300 MHz Cascadable SiGe HBT Amplifier

QPA0163LSQ Datasheet (PDF)

Go To PDF Page Download Datasheet
QPA0163LSQ Datasheet PDF - Qorvo, Inc

Part # QPA0163LSQ
Download  QPA0163LSQ Click to download

File Size   981.36 Kbytes
Page   8 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 100 – 1300 MHz Cascadable SiGe HBT Amplifier

QPA0163LSQ Datasheet (HTML) - Qorvo, Inc


QPA0163LSQ Product details

Key Features
• 100 to 1300 MHz Operation
• Internally Matched To 50 Ω 800 MHz to 1300 MHz
• Single Positive Voltage Supply
• Low Current Draw: 14 mA at VS=+3 V
• Input IP3: +11.1 dBm typical at 900 MHz
• Low Noise Figure: 1.5 dB Typical at 900 MHz
• Internal Temperature Compensation
• Lead-free/RoHS-compliant SOT-363 Package




Similar Part No. - QPA0163LSQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPA0106 QORVO-QPA0106 Datasheet
1,004Kb / 28P
1.0 – 6.0 GHz 18 W GaN Power Amplifier
Rev. F, September 2022
QPA0106EVB QORVO-QPA0106EVB Datasheet
1,004Kb / 28P
1.0 – 6.0 GHz 18 W GaN Power Amplifier
Rev. F, September 2022
QPA0106TR7 QORVO-QPA0106TR7 Datasheet
1,004Kb / 28P
1.0 – 6.0 GHz 18 W GaN Power Amplifier
Rev. F, September 2022
More results


Similar Description - QPA0163LSQ

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPA7489A RFMD-QPA7489A Datasheet
639Kb / 9P
CASCADABLE SiGe HBT MMIC AMPLIFIER
logo
TriQuint Semiconductor
QPA5263A TRIQUINT-QPA5263A Datasheet
712Kb / 7P
DC - 4500 MHz Cascadable SiGe HBT Amplifier
logo
Qorvo, Inc
QPA4586A QORVO-QPA4586A Datasheet
693Kb / 9P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA4563A QORVO-QPA4563A Datasheet
784Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
QPA0363A QORVO-QPA0363A Datasheet
880Kb / 7P
DC ??5000 MHz Cascadable SiGe HBT Amplifier
QPA5389A QORVO-QPA5389A Datasheet
907Kb / 9P
DC ??4500 MHz Cascadable SiGe HBT Amplifier
QPA4363A QORVO-QPA4363A Datasheet
883Kb / 7P
DC ??4000 MHz Cascadable SiGe HBT Amplifier
QPA4463A QORVO-QPA4463A Datasheet
865Kb / 7P
DC ??3500 MHz Cascadable SiGe HBT Amplifier
October 27, 2017
QPA4263A QORVO-QPA4263A Datasheet
889Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
Sept. 26, 2016
QPA7489A QORVO-QPA7489A Datasheet
646Kb / 7P
DC – 3500 MHz Cascadable SiGe HBT Amplifier
May 14, 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com