Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC3024SQ Datasheet (PDF) - Qorvo, Inc

QPC3024SQ Datasheet PDF - Qorvo, Inc
Part # QPC3024SQ
Download  QPC3024SQ Download
File Size   1221.27 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω Absorptive High Isolation SPDT Switch

QPC3024SQ Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC3024SQ Datasheet PDF - Qorvo, Inc

Part # QPC3024SQ
Download  QPC3024SQ Click to download

File Size   1221.27 Kbytes
Page   14 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 75Ω Absorptive High Isolation SPDT Switch

QPC3024SQ Datasheet (HTML) - Qorvo, Inc


QPC3024SQ Product details

Key Features
 5 MHz to 3000 MHz Operation
 Symmetric SPDT
 Non-Reflective (RF1, RF2)
 Terminated All-Off State
 No Blocking Caps Required Unless Voltage on RF Line
 High Isolation: >65 dB at 1.2 GHz
 High Input IP3: >60 dBm
 Option to Turn Off Negative Voltage Generator and Supply
VNEG Externally
 2 kV ESD
 +1.8 V Logic Compatible




Similar Part No. - QPC3024SQ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC3025 QORVO-QPC3025 Datasheet
962Kb / 10P
High Power, SOI, SPDT Switch
December 22, 2021
QPC3025EVB-01 QORVO-QPC3025EVB-01 Datasheet
962Kb / 10P
High Power, SOI, SPDT Switch
December 22, 2021
QPC3025TR13 QORVO-QPC3025TR13 Datasheet
962Kb / 10P
High Power, SOI, SPDT Switch
December 22, 2021
More results


Similar Description - QPC3024SQ

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
logo
Filtronic Compound Semi...
FMS2013 FILTRONIC-FMS2013 Datasheet
197Kb / 5P
SPDT GaAs High Isolation Absorptive Switch DC-4 GHz
logo
Skyworks Solutions Inc.
SKY13286-359LF SKYWORKS-SKY13286-359LF Datasheet
551Kb / 5P
GaAs High Isolation SPDT Absorptive Switch 100 MHz-6 GHz
SKY13286-359LF SKYWORKS-SKY13286-359LF_09 Datasheet
782Kb / 9P
0.1-6.0 GHz High Isolation SPDT Absorptive Switch
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
High Isolation, Absorptive SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
High Isolation Absorptive SPDT Switch
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
High Isolation Absorptive SPST Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
Absorptive High Isolation SPDT Switch
logo
Skyworks Solutions Inc.
SKY13372-467LF SKYWORKS-SKY13372-467LF Datasheet
760Kb / 9P
0.1 to 6.0 GHz High-Isolation SPDT Absorptive Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com