Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6014 Datasheet (PDF) - Qorvo, Inc

QPC6014 Datasheet PDF - Qorvo, Inc
Part # QPC6014
Download  QPC6014 Download
File Size   662.12 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Absorptive High Isolation SPST Switch

QPC6014 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC6014 Datasheet PDF - Qorvo, Inc

Part # QPC6014
Download  QPC6014 Click to download

File Size   662.12 Kbytes
Page   11 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Absorptive High Isolation SPST Switch

QPC6014 Datasheet (HTML) - Qorvo, Inc


QPC6014 Product details

Product Features
• 5 MHz to 6000 MHz Operation
• Non-Reflective (RF2)
• No Blocking Capacitors Necessary Unless Voltage is on
RF Line
• High Isolation: 53 dB at 2 GHz
• High Input IP3: +58 dBm
• 2 kV ESD
• +1.8 V Logic Compatible




Similar Part No. - QPC6014

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPC6044 QORVO-QPC6044 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
QPC6044PCK410 QORVO-QPC6044PCK410 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
QPC6044TR13 QORVO-QPC6044TR13 Datasheet
1Mb / 12P
5MHz to 6GHz Absorptive High Isolation SP4T Switch
April 9, 2020
More results


Similar Description - QPC6014

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3025 RFMD-RF3025 Datasheet
1,021Kb / 6P
SPDT, HIGH ISOLATION, SINGLE CONTROL, ABSORPTIVE SWITCH
logo
Peregrine Semiconductor
PE4246 PSEMI-PE4246 Datasheet
462Kb / 8P
Absorptive SPST UltraCMOS RF Switch
PE42451 PSEMI-PE42451 Datasheet
619Kb / 11P
SP5T Absorptive UltraCMOS High-Isolation RF Switch
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177 Datasheet
98Kb / 4P
SPST High Isolation CATV Switch
logo
Peregrine Semiconductor
PE42451 PSEMI-PE42451_14 Datasheet
403Kb / 11P
SP5T Absorptive UltraCMOS짰 High-Isolation RF Switch
logo
TriQuint Semiconductor
TQC0015 TRIQUINT-TQC0015_15 Datasheet
1Mb / 7P
High Isolation, Absorptive SPDT Switch
TQP4M0010 TRIQUINT-TQP4M0010_15 Datasheet
907Kb / 9P
High Isolation Absorptive SPDT Switch
TQP4M0013 TRIQUINT-TQP4M0013_15 Datasheet
471Kb / 6P
High Isolation Absorptive SPST Switch
logo
RF Micro Devices
RFSW6124 RFMD-RFSW6124 Datasheet
1Mb / 14P
Absorptive High Isolation SPDT Switch
logo
M/A-COM Technology Solu...
MASW-008177 MA-COM-MASW-008177_15 Datasheet
560Kb / 5P
SPST High Isolation CATV Switch
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com