Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P195 Datasheet (PDF) - Sensata Technologies, Inc.

P195 Datasheet PDF - Sensata Technologies, Inc.
Part # P195
Download  P195 Download
File Size   286.52 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description MINITACTORTM

P195 Datasheet (PDF)

Go To PDF Page Download Datasheet
P195 Datasheet PDF - Sensata Technologies, Inc.

Part # P195
Download  P195 Click to download

File Size   286.52 Kbytes
Page   4 Pages
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.
Description MINITACTORTM

P195 Datasheet (HTML) - Sensata Technologies, Inc.


P195 Product details

Features
• Hermetically sealed contactor
• Make/break switching up to 1200Vdc
• Best option for: NEC 690.11 and 690.12 DC arc fault interrupting and
rapid shutdown requirements
• Small, lightweight and cost effective patented design
• Perfect choice for 600Vdc and 1000Vdc photovoltaic/battery systems




Similar Part No. - P195

ManufacturerPart #DatasheetDescription
logo
Semikron International
P19 SEMIKRON-P19 Datasheet
485Kb / 3P
For capsule devices
logo
LUMEL S.A.
P19 LUMEL-P19 Datasheet
789Kb / 2P
tEMPErAtUrE AND hUMiDity trANSDUcEr
P19-00E0 LUMEL-P19-00E0 Datasheet
789Kb / 2P
tEMPErAtUrE AND hUMiDity trANSDUcEr
P19-00E1 LUMEL-P19-00E1 Datasheet
789Kb / 2P
tEMPErAtUrE AND hUMiDity trANSDUcEr
P19-00EX LUMEL-P19-00EX Datasheet
789Kb / 2P
tEMPErAtUrE AND hUMiDity trANSDUcEr
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com